Electronic Components Datasheet Search
  English  ▼

X  

TMP117M Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP117M
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117M Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP117M Datasheet HTML 9Page - Texas Instruments TMP117M Datasheet HTML 10Page - Texas Instruments TMP117M Datasheet HTML 11Page - Texas Instruments TMP117M Datasheet HTML 12Page - Texas Instruments TMP117M Datasheet HTML 13Page - Texas Instruments TMP117M Datasheet HTML 14Page - Texas Instruments TMP117M Datasheet HTML 15Page - Texas Instruments TMP117M Datasheet HTML 16Page - Texas Instruments TMP117M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
7 Detailed Description
7.1 Overview
The TMP118 is a digital output temperature sensor designed for high-accuracy, space constrained applications
that comes factory calibrated for accuracy. The device features a two-wire, SMBus and I2C compatible interface
with two modes of operation: continuous conversion mode and one-shot conversion mode. The TMP118 also
includes an alert status flag with individual high and low thresholds registers. The device is specified over an
ambient air operating temperature range of –40 °C to 125 °C. Figure 7-1 shows a block diagram of the device.
7.2 Functional Block Diagrams
SCL
GND
SDA
Digital Core
Temperature
sensor circuit
Oscillator
ADC
Internal
thermal
BJT
VDD
Temp_Result
Con gura on
Tlow_Limit
THigh_Limit
Device ID
NIST Data 0
NIST Data 1
NIST Data 2
Register Bank
Interface
Figure 7-1. Internal Block Diagram
www.ti.com
TMP118
SNIS237 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com