Electronic Components Datasheet Search
  English  ▼

X  

TMP117M Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP117M
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117M Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP117M Datasheet HTML 5Page - Texas Instruments TMP117M Datasheet HTML 6Page - Texas Instruments TMP117M Datasheet HTML 7Page - Texas Instruments TMP117M Datasheet HTML 8Page - Texas Instruments TMP117M Datasheet HTML 9Page - Texas Instruments TMP117M Datasheet HTML 10Page - Texas Instruments TMP117M Datasheet HTML 11Page - Texas Instruments TMP117M Datasheet HTML 12Page - Texas Instruments TMP117M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, V+ = 1.8V (unless otherwise noted)
Supply Voltage (V)
1.4
1.9
2.4
2.9
3.4
3.9
4.4
4.9
5.4
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
-40
C
25
C
125
C
One Shot Conversion, 8x averages mode
Figure 6-6. Temperature Error vs Supply Voltage
Te mperature (
C)
20
25
30
35
40
45
50
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
Gain Error Limit (
0.4%)
VDD = 1.8V
Figure 6-7. Gain Error (Normalized at 35°C)
Data Distribution (LSB)
0
50
100
150
200
250
0
1
2
3
-1
-2
-3
0.0%
0.7%
13.0%
50.0%
30.3%
5.7%
0.3%
Averaging OFF
One Shot Conversion, No Averaging, TA = -40°C to 125°C
Figure 6-8. Temperature Data Noise Distribution
Data Distribution (LSB)
0
50
100
150
200
250
0
1
2
3
-1
-2
-3
0.0%
0.0%
0.7%
72.7%
26.7%
0.0%
0.0%
Averaging ON (8x)
One Shot Conversion, 8x Back-to-back Averaging, TA = -40°C
to 125°C
Figure 6-9. Temperature Data Noise Distribution
HTOL Duration @ 150
C (hours)
0
200
400
600
800
1,000
1,200
-100
-80
-60
-40
-20
0
20
40
60
80
100
1000 hr read point
500 hr read point
High temperature (150°C) stress testing with temperature
error data measurement at 500hr and 1000hr stress duration
Figure 6-10. Long-term Temperature Stability
Te mperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
20
40
60
80
100
120
140
No Averaging
4x Averaging
8x Averaging
VDD = 1.4V to 5.5V
Figure 6-11. Average Conversion Time vs Temperature
www.ti.com
TMP118
SNIS237 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com