Electronic Components Datasheet Search
  English  ▼

X  

TMP117M Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP117M
Description  TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP117M Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP117M Datasheet HTML 4Page - Texas Instruments TMP117M Datasheet HTML 5Page - Texas Instruments TMP117M Datasheet HTML 6Page - Texas Instruments TMP117M Datasheet HTML 7Page - Texas Instruments TMP117M Datasheet HTML 8Page - Texas Instruments TMP117M Datasheet HTML 9Page - Texas Instruments TMP117M Datasheet HTML 10Page - Texas Instruments TMP117M Datasheet HTML 11Page - Texas Instruments TMP117M Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
6.7 Timing Diagram
VIH
VIL
SCL
P
S
VIH
VIL
SDA
tBUF
tHD;STA
tLOW
tR
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tSU;STO
P
S
tVD;DAT
Figure 6-1. Two-Wire Interface Timing Diagram
6.8 Typical Characteristics
at TA = 25°C, V+ = 1.8V (unless otherwise noted)
Te mperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-500
-400
-300
-200
-100
0
100
200
300
400
500
Average
3
TMP118 Min/Max
VDD = 1.8V, One Shot Conversion, 8x averages mode
Figure 6-2. TMP118 Temperature Error vs Temperature
Te mperature (
C)
0
10
20
30
40
50
60
70
80 85
-400
-300
-200
-100
0
100
200
300
400
Average
3
TMP118M Min/Max
VDD = 1.8V, One Shot Conversion, 8x averages mode
Figure 6-3. TMP118M Temperature Error vs Temperature
Te mperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-500
-400
-300
-200
-100
0
100
200
300
400
500
Average
3
TMP118 Min/Max
VDD = 3.3V, One Shot Conversion, 8x averages mode
Figure 6-4. TMP118 Temperature Error vs Temperature
VDD = 3.3V, One Shot Conversion, 8x averages mode
Figure 6-5. TMP118M Temperature Error vs Temperature
TMP118
SNIS237 – DECEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com