Electronic Components Datasheet Search
  English  ▼

X  

XTPSM81033VCDR Datasheet(PDF) 3 Page - Texas Instruments

Part # XTPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPSM81033VCDR Datasheet(HTML) 3 Page - Texas Instruments

  XTPSM81033VCDR Datasheet HTML 1Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 2Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 3Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 4Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 5Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 6Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 7Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 8Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
4 Pin Configuration and Functions
1
2
3
4
5
6
7
8
PVIN
AVIN
VOUT
GND
EN
MODE
PG
FB
GND
SW
VOUT
VOUT
VOUT
PVIN
PVIN
GND
GND
EN
FB
Figure 4-1. 8-Pin QFN-FCMOD, VCD Package Top View
Table 4-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
PVIN
1
PWR
Power supply input.
GND
2
PWR
Ground pin of the IC.
EN
3
I
Enable logic input. Logic high voltage enables the device. Logic low voltage disables the
device and turns it into shutdown mode.
MODE
4
I
Operation mode selection in the light load condition. When it is connected to logic high
voltage, the device works in forced PWM mode. When it is connected to logic low voltage,
the device works in auto PFM mode.
PG
5
O
Power good indicator and open drain output.
FB
6
I
Voltage feedback of adjustable output voltage, when FB connect to AVIN, output voltage is
fixed 5.0V
VOUT
7
PWR
Boost converter output.
AVIN
8
I
IC power supply input. TI recommends to connect it with PVIN pin.
SW
–
–
Switch pin of the power stage. This pin can be left floating
www.ti.com
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com