Electronic Components Datasheet Search
  English  ▼

X  

XTPSM81033VCDR Datasheet(PDF) 12 Page - Texas Instruments

Part # XTPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPSM81033VCDR Datasheet(HTML) 12 Page - Texas Instruments

Back Button XTPSM81033VCDR Datasheet HTML 8Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 9Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 10Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 11Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 12Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 13Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 14Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 15Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
PVIN
EN
VOUT
FB
GND
L1
OFF
ON
C1
C2
MODE
PFM
PWM
PG
R1
R2
RDummy
TPSM81033
SW
AVIN
Output
Voltage
time
PG
time
tglitch
Output voltage
discharge from RDummy
EN
Figure 6-1. Implement Output Discharge by PG function
6.3.8 Overvoltage Protection
The TPSM81033 has an output overvoltage protection (OVP) to protect the device if the external feedback
resistor divider is wrongly populated. When the output voltage is above 5.75V typically, the device stops
switching. Once the output voltage falls 0.1V below the OVP threshold, the device resumes operating again.
6.3.9 Output Short-to-Ground Protection
The TPSM81033 starts to limit the output current when the output voltage is below 1.8V. The lower the output
voltage reaches, the smaller the output current is. When the VOUT pin is short to ground, and the output voltage
becomes less than 0.4V, the output current is limited to approximately 330mA. Once the short circuit is released,
the TPSM81033 goes through the soft start-up again to the regulated output voltage.
6.3.10 Thermal Shutdown
The TPSM81033 goes into thermal shutdown once the junction temperature exceeds 170°C. When the
junction temperature drops below the thermal shutdown recovery temperature, typically 155°C, the device starts
operating again.
6.4 Device Functional Modes
TPSM81033 has two optional modes in light load by configuring the MODE pin: auto PFM mode and forced
PWM to balance the efficiency and noise immunity in light load.
6.4.1 PWM Mode
The TPSM81033 uses a quasi-constant 2.4MHz frequency pulse width modulation (PWM) at moderate to heavy
load current. Based on the input voltage to output voltage ratio, a circuit predicts the required on-time. At the
beginning of the switching cycle, the NMOS switching FET. The input voltage is applied across the inductor and
the inductor current ramps up. In this phase, the output capacitor is discharged by the load current. When the
on-time expires, the main switch NMOS FET is turned off, and the rectifier PMOS FET is turned on. The inductor
transfers its stored energy to replenish the output capacitor and supply the load. The inductor current declines
because the output voltage is higher than the input voltage. When the inductor current hits the valley current
threshold determined by the output of the error amplifier, the next switching cycle starts again.
The TPSM81033 has a built-in compensation circuit that can accommodate a wide range of input voltage, output
voltage, inductor value, and output capacitor value for stable operation.
6.4.2 Power-Save Mode
The TPSM81033 integrates a power-save mode with PFM to improve efficiency at light load. When the load
current decreases, the inductor valley current set by the output of the error amplifier no longer regulates the
output voltage. When the inductor valley current hits the low limit, the output voltage exceeds the setting voltage
as the load current decreases further. When the FB voltage hits the PFM reference voltage, the TPSM81033
goes into the power-save mode. In the power-save mode, when the FB voltage rises and hits the PFM reference
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com