Electronic Components Datasheet Search
  English  ▼

X  

XTPSM81033VCDR Datasheet(PDF) 9 Page - Texas Instruments

Part # XTPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPSM81033VCDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button XTPSM81033VCDR Datasheet HTML 5Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 6Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 7Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 8Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 9Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 10Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 11Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 12Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
6 Detailed Description
6.1 Overview
The TPSM81033 is a synchronous boost power module and operates from an input voltage supply range up
to 5.5V with 2A (typical) valley switch current limit. The TPSM81033 operates at 2.4MHz switching frequency.
There are two optional modes at light load by configuring the MODE pin: auto PFM mode and forced PWM to
balance the efficiency and noise immunity in light load. The TPSM81033 consumes an 20μA quiescent current
from AVIN at light load condition. During shutdown, the TPSM81033 is completely disconnected from the input
power and only consumes a 0.1μA current to achieve long battery life. During PWM operation, the converter
uses adaptive constant on-time valley current mode control scheme to achieve excellent line regulation and load
regulation and allows the use of a small inductor and ceramic capacitors. Internal loop compensation simplifies
the design process while minimizing the number of external components.
The TPSM81033 versions in the VCD package uses MagPack packaging technology to deliver the highest-
performance power module design. Leveraging our proprietary integrated-magnetics packaging technology,
power modules with MagPack (magnetics in package) packaging technology deliver industry-leading power
density, high efficiency, good thermal performance, ease of use, and reduced EMI emissions.
6.2 Functional Block Diagram
7
8
3
SW
EN
FB
VOUT
AVIN
VREF
6
2
GND
VOUT
VOUT
AVIN
4
MODE
5
PG
Valley Current
Sense
So Startup
PWM Control
Gate Driver
Undervoltage
Lockout
Logic
Thermal
Shutdown
Over Voltage
and Short
Circuit
Protec on
PGOOD
+
–
EA
1
PVIN
www.ti.com
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com