Electronic Components Datasheet Search
  English  ▼

X  

XTPSM81033VCDR Datasheet(PDF) 10 Page - Texas Instruments

Part # XTPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPSM81033VCDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button XTPSM81033VCDR Datasheet HTML 6Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 7Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 8Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 9Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 10Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 11Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 12Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 13Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
6.3 Feature Description
6.3.1 Undervoltage Lockout
The TPSM81033 has a built-in undervoltage lockout (UVLO) circuit to ensure the device working properly. When
the analog input voltage (AVIN) is above the UVLO rising threshold of 1.7V (typical), the TPSM81033 can be
enabled to boost the output voltage. The device is disabled when the falling voltage at the AVIN pin trips the
UVLO falling threshold, which is 1.6V (typical). A hysteresis of 100mV (typical) is added so that the device
cannot be enabled again until the input voltage exceeds 1.7V (typical). This function is implemented to prevent
the device from malfunctioning when the input voltage is between UVLO rising and falling threshold.
6.3.2 Enable and Soft Start
When the input voltage is above the UVLO rising threshold and the EN pin is pulled to a voltage above 1.2V, the
TPSM81033 is enabled and starts up. To minimize the inrush current during start up, the TPSM81033 has a soft
start up function. At the beginning, the TPSM81033 enters pre-charge phase and charges the output capacitors
with a current of approximately 330mA when the output voltage is below 0.4V. To minimize the inrush current
further, the TPSM81033 has a maximum pre-charge current of 900mA (typical). After the output voltage reaches
the input voltage, the TPSM81033 starts switching, and the reference voltage ramps up a 0.8mV/μs. When the
voltage at the EN pin is below 0.4V, the internal enable comparator turns the device into shutdown mode. In the
shutdown mode, the device is entirely turned off. The output is disconnected from input power supply.
6.3.3 Setting the Output Voltage
There are two ways to set the output voltage of the TPSM81033: adjustable or fixed. If the FB is connected to
AVIN, the TPSM81033 works as a fixed 5.0V output voltage version, the TPSM81033 uses the internal resistor
divider.The load regulation performance is optimized with the the internal resistor divider.
The output voltage is also can be set by an external resistor divider (R1, R2 in Figure 7-1). When the output
voltage is regulated, the typical voltage at the FB pin is VREF. Thus the resistor divider is determined by Equation
5.
OUT
REF
V
R1
1
R2
V
§
·
u
¨
¸
©
¹
(1)
where
• VOUT is the regulated output voltage
• VREF is the internal reference voltage at the FB pin
6.3.4 Current Limit Operation
The TPSM81033 uses a valley current limit sensing scheme. Current limit detection occurs during the off-time by
sensing of the voltage drop across the synchronous rectifier.
When the load current is increased such that the inductor current is above the current limit within the whole
switching cycle time, the off-time is increased to allow the inductor current to decrease to this threshold before
the next on-time begins (so called frequency foldback mechanism). When the current limit is reached, the output
voltage decreases during further load increase.
The maximum continuous output current (IOUT(LC)), before entering current limit (CL) operation, can be defined
by Equation 2.
OUT(CL)
LIM
L P P
1
I
1 D
I
I
2
§
·
u
'
¨
¸
©
¹
(2)
where
• D is the duty cycle
• ΔIL(P-P) is the inductor ripple current
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com