Electronic Components Datasheet Search
  English  ▼

X  

XTPSM81033VCDR Datasheet(PDF) 15 Page - Texas Instruments

Part # XTPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPSM81033VCDR Datasheet(HTML) 15 Page - Texas Instruments

Back Button XTPSM81033VCDR Datasheet HTML 11Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 12Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 13Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 14Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 15Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 16Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 17Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 18Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
7.2.2 Detailed Design Procedure
7.2.2.1 Setting the Output Voltage
TPSM81033 support the fixed 5V output voltage when FB is connected to AVIN, which can provide better load
regulation performance.
For other output voltage, the output voltage is set by an external resistor divider (R1, R2 in Figure 7-2). When the
output voltage is regulated, the typical voltage at the FB pin is VREF. Thus the resistor divider is determined by
Equation 5.
OUT
REF
V
R1
1
R2
V
§
·
u
¨
¸
©
¹
(5)
where
• VOUT is the regulated output voltage
• VREF is the internal reference voltage at the FB pin
For the best accuracy, keep R2 smaller than 300kΩ to ensure the current flowing through R2 is at least 100
times larger than the FB pin leakage current. Changing R2 towards a lower value increases the immunity against
noise injection. Changing the R2 towards a higher value reduces the quiescent current for achieving highest
efficiency at low load currents.
PVIN
EN
VOUT
FB
GND
OFF
ON
C1
C2
MODE
PFM
PWM
PG
R1
R2
R3
TPSM81033
SW
AVIN
2pcs 22 F(0603)
22 F(0603)
3.3V
Figure 7-2. Coin Battery to 3.3V Boost Converter
7.2.2.2 Output Capacitor Selection
The output capacitor is mainly selected to meet the requirements for output ripple and loop stability. The ripple
voltage is related to capacitor capacitance and its equivalent series resistance (ESR). Assuming a ceramic
capacitor with zero ESR, the minimum capacitance needed for a given ripple voltage can be calculated by
Equation 6.
OUT
MAX
OUT
SW
RIPPLE
I
D
C
f
V
u
u
(6)
where
• DMAX is the maximum switching duty cycle
• VRIPPLE is the peak-to-peak output ripple voltage
www.ti.com
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com