Electronic Components Datasheet Search
  English  ▼

X  

XTPSM81033VCDR Datasheet(PDF) 18 Page - Texas Instruments

Part # XTPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPSM81033VCDR Datasheet(HTML) 18 Page - Texas Instruments

Back Button XTPSM81033VCDR Datasheet HTML 14Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 15Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 16Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 17Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 18Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 19Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 20Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 21Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
VIN = 3.3V, VOUT = 5V, IOUT = 1A
Figure 7-11. Output Short Protection (Entry)
VIN = 3.3V, VOUT = 5V, IOUT = 1A
Figure 7-12. Output Short Protection (Recover)
7.3 Power Supply Recommendations
The device is designed to operate from an input voltage supply range between 1.8V to 5.5V. This input supply
must be well regulated. If the input supply is located more than a few inches from the converter, additional bulk
capacitance may be required in addition to the ceramic bypass capacitors. A typical choice is a tantalum or
aluminum electrolytic capacitor with a value of 100µF. Output current of the input power supply must be rated
according to the supply voltage, output voltage, and output current of the TPSM81033.
7.4 Layout
7.4.1 Layout Guidelines
As for all switching power supplies, especially those running at high switching frequency and high currents,
layout is an important design step. If the layout is not carefully done, the regulator suffers from instability and
noise problems. To maximize efficiency, switch rise and fall time are very fast. To prevent radiation of high
frequency noise (for example, EMI), proper layout of the high-frequency switching path is essential. The input
capacitor needs not only to be close to the VIN pin, but also to the GND pin in order to reduce input supply
ripple.
The most critical current path for all boost converters is from the switching FET, through the rectifier FET, then
the output capacitors, and back to ground of the switching FET. This high current path contains nanosecond rise
and fall time and must be kept as short as possible. Therefore, the output capacitor not only must be close to the
VOUT pin, but also to the GND pin to reduce the overshoot at the VOUT pin.
For better thermal performance, TI suggest to make copper polygon connected with each pin bigger.
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com