Electronic Components Datasheet Search
  English  ▼

X  

XTPSM81033VCDR Datasheet(PDF) 17 Page - Texas Instruments

Part # XTPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPSM81033VCDR Datasheet(HTML) 17 Page - Texas Instruments

Back Button XTPSM81033VCDR Datasheet HTML 13Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 14Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 15Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 16Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 17Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 18Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 19Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 20Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
VIN = 3.3V, VOUT = 5V, 8Ω resistance load
Figure 7-5. Start-up Waveform
VIN = 3.3V, VOUT = 5V, 8Ω resistance load
Figure 7-6. Shutdown Waveform
VIN = 3.3V, VOUT = 5V, IOUT = 0.1A to 1A with 10μs slew rate
Figure 7-7. Load Transient
VIN = 2.7V to 4.5V with 30μs slew rate, VOUT = 5V, IOUT = 1A
Figure 7-8. Line Transient
VIN = 3.3V, VOUT = 5V, IOUT = 50mA to 1A Sweep
Figure 7-9. Load Sweep
VIN = 1.7V to 4.5V Sweep, VOUT = 5V, IOUT = 1A
Figure 7-10. Line Sweep
www.ti.com
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com