Electronic Components Datasheet Search
  English  ▼

X  

XTPSM81033VCDR Datasheet(PDF) 13 Page - Texas Instruments

Part # XTPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPSM81033VCDR Datasheet(HTML) 13 Page - Texas Instruments

Back Button XTPSM81033VCDR Datasheet HTML 9Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 10Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 11Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 12Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 13Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 14Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 15Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 16Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
voltage, the device continues switching for several cycles because of the delay time of the internal comparator
— then it stops switching. The load is supplied by the output capacitor, and the output voltage declines. When
the FB voltage falls below the PFM reference voltage, after the delay time of the comparator, the device starts
switching again to ramp up the output voltage.
Output
Voltage
VOUT_NOM
1.01 x VOUT_NOM
PFM mode at light load
PWM mode at heavy load
Figure 6-2. Output Voltage in PWM Mode and PFM Mode
www.ti.com
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com