Electronic Components Datasheet Search
  English  ▼

X  

XTPSM81033VCDR Datasheet(PDF) 19 Page - Texas Instruments

Part # XTPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPSM81033VCDR Datasheet(HTML) 19 Page - Texas Instruments

Back Button XTPSM81033VCDR Datasheet HTML 15Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 16Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 17Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 18Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 19Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 20Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 21Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 22Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
7.4.2 Layout Example
GND
VOUT
VIN
Input cap
Blue line represents
trace on bottom layer
PFM
PWM
GND
VOUT
Output caps
FB
PVIN
AVIN
VOUT
PG
MODE
EN
SW
Figure 7-13. Layout Example
7.4.3 Thermal Considerations
Restrict the maximum IC junction temperature to 125°C under normal operating conditions. Calculate the
maximum allowable dissipation, PD(max), and keep the actual power dissipation less than or equal to PD(max).
The maximum-power-dissipation limit is determined using Equation 8.
A
D max
JA
125
T
P
R
T
(8)
where
• TA is the maximum ambient temperature for the application
• RθJA is the junction-to-ambient thermal resistance given in Thermal Information.
The TPSM81033 comes in a QFN package. The real junction-to-ambient thermal resistance of the package
greatly depends on the PCB type, layout. Using larger and thicker PCB copper for the power pads (GND, PVIN,
and VOUT) to enhance the thermal performance. Using more vias connects the ground plate on the top layer
and bottom layer around the IC without solder mask also improves the thermal capability.
www.ti.com
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com