Electronic Components Datasheet Search
  English  ▼

X  

XTPSM81033VCDR Datasheet(PDF) 14 Page - Texas Instruments

Part # XTPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XTPSM81033VCDR Datasheet(HTML) 14 Page - Texas Instruments

Back Button XTPSM81033VCDR Datasheet HTML 10Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 11Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 12Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 13Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 14Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 15Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 16Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 17Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The TPSM81033 is a synchronous boost converter designed to operate from an input voltage supply range up
to 5.5V with a 2A (typical) valley switch current limit. The TPSM81033 typically operates at a quasi-constant
2.4MHz frequency PWM at moderate-to-heavy load currents. At light load currents, the TPSM81033 converter
operates in power-save mode with PFM to achieve high efficiency over the entire load current range.
7.2 Typical Application
The TPSM81033 provides a power supply solution for portable devices powered by batteries. The TPSM81033
can output 5V and 1A from a single-cell Li-ion battery.
PVIN
EN
VOUT
FB
GND
OFF
ON
C1
C2
MODE
PFM
PWM
PG
R3
TPSM81033
SW
AVIN
2pcs 22 F(0603)
22 F(0603)
5V/1A
3V ~ 4.5V
Figure 7-1. Li-ion Battery to 5V Boost Converter
7.2.1 Design Requirements
The design parameters are listed in Table 7-1.
Table 7-1. Design Parameters
PARAMETERS
VALUES
Input voltage
3.0V to 4.5V
Output voltage
5.0V
Output current
1.0A
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com