Electronic Components Datasheet Search
  English  ▼

X  

MAX8790 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8790
Description  Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8790 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8790 Datasheet HTML 3Page - Maxim Integrated Products MAX8790 Datasheet HTML 4Page - Maxim Integrated Products MAX8790 Datasheet HTML 5Page - Maxim Integrated Products MAX8790 Datasheet HTML 6Page - Maxim Integrated Products MAX8790 Datasheet HTML 7Page - Maxim Integrated Products MAX8790 Datasheet HTML 8Page - Maxim Integrated Products MAX8790 Datasheet HTML 9Page - Maxim Integrated Products MAX8790 Datasheet HTML 10Page - Maxim Integrated Products MAX8790 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Six-String White LED Driver with Active
Current Balancing for LCD Panel Applications
_______________________________________________________________________________________
7
SWITCHING WAVEFORMS
(BRT = 15%, ANALOG DIMMING)
MAX8790 toc10
1
μs/div
IL
500mA/div
0mA
VLX
10V/div
0V
STARTUP WAVEFORMS
(BRT = 100%, DPWM DIMMING)
4ms/div
0A
SHDN
5V/div
VOUT
20V/div
VCCV
2V/div
IL
1A/div
0V
0V
0V
MAX8790 toc11
LED CURRENT WAVEFORMS
(BRT = 50% AT 200Hz, DPWM DIMMING)
2ms/div
0A
BRT
5V/div
VFB1
5V/div
ILED
100mA/div
IL
1A/div
0mA
0V
0V
MAX8790 toc12
LED CURRENT WAVEFORMS
(BRT = 1% AT 200Hz, DPWM DIMMING)
1ms/div
0A
BRT
5V/div
VFB1
5V/div
ILED
100mA/div
IL
1A/div
0mA
0V
0V
MAX8790 toc13
LED CURRENT WAVEFORMS
(BRT = 50% AT 200Hz, ANALOG DIMMING)
1ms/div
0A
BRT
5V/div
VFB1
1V/div
ILED
50mA/div
IL
1A/div
0mA
0V
0V
MAX8790 toc14
LED CURRENT WAVEFORMS
(BRT = 1% AT 200Hz, ANALOG DIMMING)
1ms/div
0mA
BRT
5V/div
VFB1
2V/div
ILED
50mA/div
IL
500mA/div
0mA
0V
0V
MAX8790 toc15
LED-OPEN FAULT PROTECTION
(BRT = 100%, LED OPEN ON FB3)
20ms/div
0A
VFB3
1V/div
VFB1
10V/div
VOUT
20V/div
IL
1A/div
0V
0V
0V
MAX8790 toc16
Typical Operating Characteristics (continued)
(Circuit configuration 1, VIN = 12V, VSHDN = VIN, LEDs = 8 series x 6 parallel strings, ISET = VCC, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com