Electronic Components Datasheet Search
  English  ▼

X  

MAX8790 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8790
Description  Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8790 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8790 Datasheet HTML 1Page - Maxim Integrated Products MAX8790 Datasheet HTML 2Page - Maxim Integrated Products MAX8790 Datasheet HTML 3Page - Maxim Integrated Products MAX8790 Datasheet HTML 4Page - Maxim Integrated Products MAX8790 Datasheet HTML 5Page - Maxim Integrated Products MAX8790 Datasheet HTML 6Page - Maxim Integrated Products MAX8790 Datasheet HTML 7Page - Maxim Integrated Products MAX8790 Datasheet HTML 8Page - Maxim Integrated Products MAX8790 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Six-String White LED Driver with Active
Current Balancing for LCD Panel Applications
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1. VIN = 12V, VSHDN = VIN, CCV = 0.1µF, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT LEAKAGE
SHDN Leakage Current
SHDN = 26V
+35
µA
CS Leakage Current
VCS = GND
+40
+50
µA
OSC Leakage Current
-3
+3
µA
BRT, ENA Leakage Current
-1
+1
µA
FSET, ISET Leakage Current
FSET = ISET = VCC
-1
+1
µA
OV Leakage Current
-0.1
+0.1
µA
LED CURRENT
ISET = VCC, BRT = 100%
19.40
20.00
20.60
RISET = 80k
Ω to GND, BRT = 100%
24.25
25.00
25.75
Full-Scale FB_ Output Current
RISET = 133k
Ω to GND, BRT = 100%
14.40
15.00
15.60
mA
ISET High-Level Threshold
Default setting for 20mA full-scale LED current
VCC -
0.4
V
ISET Voltage
1.12
1.19
1.26
V
20% Output Current
ISET = VCC, BRT = 20%
3.84
4.00
4.16
mA
ISET = VCC, BRT = 100%
-1.5
+1.5
%
Current Regulation Between
Strings
ISET = VCC, BRT = 20%
-2.0
+2.0
%
RISET = 80k
Ω to GND, BRT = 100%
300
500
800
ISET = VCC, BRT = 100%
270
450
720
Minimum FB_ Regulation Voltage
ISET = VCC, 12.5%
150
275
500
mV
Maximum FB_ Ripple
ISET = VCC , COUT = 1µF, OSC = VCC (Note 1)
120
200
mVP-P
FB_ On-Resistance
VFB_ = 50mV
13
20
Ω
SHDN = GND, VFB_ = 26V
1
FB_ Leakage Current
SHDN = VIN, BRT = GND, VFB_ = 15V
10
28
µA
BRT Input Frequency
100
500
Hz
Minimum BRT Duty Cycle
PLL active
12.5
%
FAULT PROTECTION
OV Threshold Voltage
1.16
1.23
1.30
V
FB_ Overvoltage Threshold
VCC +
0.20
VCC +
0.6
VCC +
1.45
V
FAULT Shutdown Timer
VFB_ > 5.6V (typ)
50
65
80
ms
Thermal-Shutdown Threshold
(Note 1)
170
°C
PHASE-LOCKED LOOP
FSET High-Level Threshold
PLL disabled
VCC -
0.4
V
RFSET = 500k
Ω
150
200
250
BRT Frequency Capture Range
RFSET = 250k
Ω
300
400
500
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com