Electronic Components Datasheet Search
  English  ▼

X  

MAX8790 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8790
Description  Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8790 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8790 Datasheet HTML 1Page - Maxim Integrated Products MAX8790 Datasheet HTML 2Page - Maxim Integrated Products MAX8790 Datasheet HTML 3Page - Maxim Integrated Products MAX8790 Datasheet HTML 4Page - Maxim Integrated Products MAX8790 Datasheet HTML 5Page - Maxim Integrated Products MAX8790 Datasheet HTML 6Page - Maxim Integrated Products MAX8790 Datasheet HTML 7Page - Maxim Integrated Products MAX8790 Datasheet HTML 8Page - Maxim Integrated Products MAX8790 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1. VIN = 12V, VSHDN = VIN, CCV = 0.1µF, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, SHDN, to GND .................................................-0.3V to +28V
FB_ to GND ............................................................-0.3V to +28V
VCC, BRT, ENA, OSC, OV to GND ...........................-0.3V to +6V
ISET, CCV, CS, FSET, CPLL, EXT to GND .-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
20-Pin Thin QFN (derate 16.9mW/°C above +70°C) ...1349mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Six-String White LED Driver with Active
Current Balancing for LCD Panel Applications
2
_______________________________________________________________________________________
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN = VCC
4.5
5.5
IN Input Voltage Range
VCC = bypassed to GND through 1µF cap
5.5
26.0
V
VIN = 26V
1
2
VSHDN = high
VIN = VCC = 5V
1
2
mA
IN Quiescent Current
SHDN = GND
10
µA
VCC Output voltage
VSHDN = 5V, 6V < VIN < 26V, 0 < IVCC < 10mA
4.7
5.0
5.3
V
VCC Short-Circuit Current
15
56
130
mA
VCC UVLO Threshold
Rising edge, hysteresis = 20mV
4.00
4.25
4.45
V
STEP-UP CONVERTER
EXT High Level
10mA from EXT to GND
VCC -
0.1
VCC
V
EXT Low Level
-10mA from EXT to VCC
0
0.1
V
EXT On-Resistance
EXT high or low
2
5
Ω
EXT Sink/Source Current
EXT forced to 2V
1
A
OSC High-Level Threshold
VCC -
0.4
V
OSC Midlevel Threshold
1.5
VCC -
2.0
V
OSC Low-Level Threshold
0.4
V
VOSC = VCC
0.9
1.0
1.1
MHz
VOSC = open
675
750
825
Operating Frequency
VOSC = GND
450
500
550
kHz
PWM mode
10
Minimum Duty Cycle
Pulse skipping, no load
0
%
Maximum Duty Cycle
94
95
%
CS Trip Voltage
Duty cycle = 75%
85
100
115
mV
CONTROL INPUT
SHDN Logic-Input High Level
2.1
V
SHDN Logic-Input Low Level
0.8
V
BRT, ENA Logic-Input High Level
2.1
V
BRT, ENA Logic-Input Low Level
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com