Electronic Components Datasheet Search
  English  ▼

X  

MAX8790 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8790
Description  Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8790 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8790 Datasheet HTML 4Page - Maxim Integrated Products MAX8790 Datasheet HTML 5Page - Maxim Integrated Products MAX8790 Datasheet HTML 6Page - Maxim Integrated Products MAX8790 Datasheet HTML 7Page - Maxim Integrated Products MAX8790 Datasheet HTML 8Page - Maxim Integrated Products MAX8790 Datasheet HTML 9Page - Maxim Integrated Products MAX8790 Datasheet HTML 10Page - Maxim Integrated Products MAX8790 Datasheet HTML 11Page - Maxim Integrated Products MAX8790 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Six-String White LED Driver with Active
Current Balancing for LCD Panel Applications
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit configuration 1, VIN = 12V, VSHDN = VIN, LEDs = 8 series x 6 parallel strings, ISET = VCC, TA = +25°C, unless otherwise noted.)
LED-SHORT FAULT PROTECTION
(BRT = 100%, 2 LEDs SHORT ON FB3)
10ms/div
0A
VFB3
1V/div
VFB1
10V/div
VOUT
20V/div
IL
1A/div
0V
0V
0V
MAX8790 toc17
LED CURRENT BALANCING
vs. INPUT VOLTAGE (BRT = 100%)
INPUT VOLTAGE (V)
1.00
0.90
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0
712
17
750kHz
500kHz
1MHz
Pin Description
PIN
NAME
FUNCTION
1
OSC
Oscillator Frequency Selection Pin. Connect OSC to VCC to set the step-up converter’s oscillator frequency to
1MHz. Connect OSC to GND to set the frequency to 500kHz. Float OSC to set the frequency to 750kHz.
2
ENA
Analog Dimming Enable. ENA sets the PWM control mode. Set ENA LOW to enable direct DPWM dimming.
Set ENA HIGH to enable analog dimming. In both modes, the duty cycle of the PWM signal at the BRT input
controls the LED current characteristics. See the Dimming Control section for a complete description.
3
BRT
Brightness Control Input. The duty cycle of this digital input signal controls the LED current characteristics.
The allowable frequency range is 100Hz to 500Hz in analog dimming mode. The duty cycle can be 100%
to 1%. The BRT frequency can go above 500Hz in direct DPWM mode as long as the BRT pulse width is
greater than 50µs minimum. See the Dimming Control section for a complete description.
4
SHDN
Shutdown Control Input. The MAX8790 shuts down when SHDN is less than 0.8V. Pulling SHDN above
2.1V enables the MAX8790. SHDN can be connected to the input voltage if desired.
5
FB1
LED String 1 Cathode Connection. FB1 is the open-drain output of an internal regulator, which controls
current through FB1. FB1 can sink up to 25mA. If unused, connect FB1 to GND.
6
FB2
LED String 2 Cathode Connection. FB2 is the open-drain output of an internal regulator, which controls
current through FB2. FB2 can sink up to 25mA. If unused, connect FB2 to GND.
7
FB3
LED String 3 Cathode Connection. FB3 is the open-drain output of an internal regulator, which controls
current through FB3. FB3 can sink up to 25mA. If unused, connect FB3 to GND.
8
GND
Ground
9
FB4
LED String 4 Cathode Connection. FB4 is the open-drain output of an internal regulator, which controls
current through FB4. FB4 can sink up to 25mA. If unused, connect FB4 to GND.
10
FB5
LED String 5 Cathode Connection. FB5 is the open-drain output of an internal regulator, which controls
current through FB5. FB5 can sink up to 25mA. If unused, connect FB5 to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com