Electronic Components Datasheet Search
  English  ▼

X  

MAX8790 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8790
Description  Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8790 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8790 Datasheet HTML 1Page - Maxim Integrated Products MAX8790 Datasheet HTML 2Page - Maxim Integrated Products MAX8790 Datasheet HTML 3Page - Maxim Integrated Products MAX8790 Datasheet HTML 4Page - Maxim Integrated Products MAX8790 Datasheet HTML 5Page - Maxim Integrated Products MAX8790 Datasheet HTML 6Page - Maxim Integrated Products MAX8790 Datasheet HTML 7Page - Maxim Integrated Products MAX8790 Datasheet HTML 8Page - Maxim Integrated Products MAX8790 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General Description
The MAX8790 is a high-efficiency driver for white light-
emitting diodes (LEDs). It is designed for large liquid-
crystal displays (LCDs) that employ an array of LEDs as
the light source. A current-mode step-up controller drives
up to six parallel strings of multiple series-connected
LEDs. Each string is terminated with ballast that achieves
±1.5% current regulation accuracy, ensuring even bright-
ness for all LEDs. The MAX8790 has a wide input-voltage
range from 4.5V to 26V, and provides a fixed 20mA or
adjustable 15mA to 25mA full-scale LED current.
The MAX8790 has two dimming control modes to
enable a wide variety of applications. In direct DPWM
mode, the LED current is directly turned on and off by a
PWM signal. In analog dimming mode, an internal
phase-locked loop (PLL) circuit translates the PWM sig-
nal into an analog signal and linearly controls the LED
current down to 12.5%. Below 12.5%, digital dimming is
added to allow lower average LED current down to 1%.
Both control methods provide 100:1 dimming range.
The MAX8790 has multiple features to protect the con-
troller from fault conditions. Separate feedback loops limit
the output voltage if one or more LEDs fail open or short.
The controller features cycle-by-cycle current limit to pro-
vide consistent operation and soft-start capability. A ther-
mal-shutdown circuit provides another level of protection.
The step-up controller uses an external MOSFET, which
provides good efficiency and allows for scalable output
power and maximum operating voltage. Low feedback
voltage at each LED string (450mV) helps reduce
power loss. The MAX8790 features selectable switching
frequency (500kHz, 750kHz, or 1MHz), which allows
trade-offs between external component size and ope-
rating efficiency.
The MAX8790 is available in a thermally enhanced,
lead-free, 20-pin, 4mm x 4mm, Thin QFN package.
Applications
Notebook, Subnotebook, and Tablet Computer
Displays
Automotive Systems
Handy Terminals
Features
o Drives Six Parallel Strings with Multiple Series-
Connected LEDs per String
o ±1.5% Current Regulation Accuracy Between
Strings
o Low 450mV Feedback Voltage at Full Current
Improves Efficiency
o Step-Up Controller Regulates the Output Just
Above the Highest LED String Voltage
o Full-Scale LED Current Adjustable from 15mA to
25mA, or Preset 20mA
o Wide 100:1 Dimming Range
o Programmable Dimming Control: Direct DPWM or
Analog Dimming
o Built-In PLL for Synchronized Dimming Control
o Open and Short LED Protections
o Output Overvoltage Protection
o Wide Input Voltage Range from 4.5V to 26V
o External MOSFET Allows a Large Number of LEDs
per String
o 500kHz/750kHz/1MHz Switching Frequency
o Small, 20-Pin, 4mm x 4mm Thin QFN Package
Six-String White LED Driver with Active
Current Balancing for LCD Panel Applications
________________________________________________________________
Maxim Integrated Products
1
FB1
N1
BRT
CCV
GND
IN
VIN
EXT
CS
OV
FB2
FB3
FB4
FB5
FB6
L1
D1
VCC
ISET
CIN
FSET
CPLL
EP
N.C.
OSC
N.C.
ENA
R2
R1
Rs
SHDN
0.1
μF
MAX8790
VOUT
Simplified Operating Circuit
Ordering Information
19-0658; Rev 0; 11/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead-free package.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
PKG
CODE
MAX8790ETP+
-40°C to +85°C
20 Thin QFN
(4mm x 4mm)
T2044-3
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX8790

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8790A MAXIM-MAX8790A Datasheet
430Kb / 23P
Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Rev 0; 10/07
MAX8790AETP MAXIM-MAX8790AETP Datasheet
430Kb / 23P
Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Rev 0; 10/07
MAX8790AEVKIT MAXIM-MAX8790AEVKIT Datasheet
177Kb / 11P
MAX8790A Evaluation Kit
Rev 1; 3/08
More results

Similar Description - MAX8790

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX8790A MAXIM-MAX8790A Datasheet
430Kb / 23P
Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Rev 0; 10/07
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Analog Devices
ADD5203 AD-ADD5203 Datasheet
1Mb / 24P
8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
logo
SHANGHAI BELLING CO., L...
BL9590 BELLING-BL9590 Datasheet
1Mb / 23P
Six-String White LED Driver with Active Current
logo
Analog Devices
ADD5211 AD-ADD5211 Datasheet
167Kb / 6P
Four-String, White LED Driver for LCD Backlight Applications
Rev. PrA
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
Rohm
BD9422EFV ROHM-BD9422EFV_15 Datasheet
1Mb / 30P
White LED Driver for large LCD panel
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com