Electronic Components Datasheet Search
  English  ▼

X  

MAX8790 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8790
Description  Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8790 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8790 Datasheet HTML 1Page - Maxim Integrated Products MAX8790 Datasheet HTML 2Page - Maxim Integrated Products MAX8790 Datasheet HTML 3Page - Maxim Integrated Products MAX8790 Datasheet HTML 4Page - Maxim Integrated Products MAX8790 Datasheet HTML 5Page - Maxim Integrated Products MAX8790 Datasheet HTML 6Page - Maxim Integrated Products MAX8790 Datasheet HTML 7Page - Maxim Integrated Products MAX8790 Datasheet HTML 8Page - Maxim Integrated Products MAX8790 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Six-String White LED Driver with Active
Current Balancing for LCD Panel Applications
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1. VIN = 12V, VSHDN = VIN, CCV = 0.1µF, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN = VCC
4.5
5.5
IN Input Voltage Range
VCC bypassed to GND through 1µF cap
5.5
26.0
V
VIN = 26V
2
VSHDN = high
VIN = VCC = 5V
2
mA
IN Quiescent Current
SHDN = GND
10
µA
VCC Output Voltage
VSHDN = 5V, 6V < VIN < 26V, 0 < IVCC < 10mA
4.7
5.3
V
VCC Short-Circuit Current
12
130
mA
VCC UVLO Threshold
Rising edge, hysteresis = 20mV
4.00
4.45
V
STEP-UP CONVERTER
EXT High Level
10mA from EXT to GND
VCC -
0.1
V
EXT Low Level
-10mA from EXT to VCC
0.1
V
EXT On-Resistance
EXT high or low
5
Ω
OSC High-Level Threshold
VCC -
0.4
V
OSC Midlevel Threshold
1.5
VCC -
2.0
V
OSC Low-Level Threshold
0.4
V
VOSC = VCC
0.9
1.1
MHz
VOSC = open
675
825
Operating Frequency
VOSC = GND
450
550
kHz
Maximum Duty Cycle
94
%
CS Trip Voltage
Duty cycle = 75%
85
115
mV
CONTROL INPUT
SHDN Logic-Input High Level
2.1
V
SHDN Logic-Input Low Level
0.8
V
BRT, ENA Logic-Input High Level
2.1
V
BRT, ENA Logic-Input Low Level
0.8
V
INPUT LEAKAGE
SHDN Leakage Current
SHDN = 26V
+35
µA
CS Leakage Current
VCS = GND
+50
µA
OSC Leakage Current
-3
+3
µA
BRT, ENA Leakage Current
-1
+1
µA
FSET, ISET Leakage Current
FSET = ISET = VCC
-1
+1
µA
OV Leakage Current
-0.1
+0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com