Electronic Components Datasheet Search
  English  ▼

X  

MAX8790 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8790
Description  Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8790 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8790 Datasheet HTML 5Page - Maxim Integrated Products MAX8790 Datasheet HTML 6Page - Maxim Integrated Products MAX8790 Datasheet HTML 7Page - Maxim Integrated Products MAX8790 Datasheet HTML 8Page - Maxim Integrated Products MAX8790 Datasheet HTML 9Page - Maxim Integrated Products MAX8790 Datasheet HTML 10Page - Maxim Integrated Products MAX8790 Datasheet HTML 11Page - Maxim Integrated Products MAX8790 Datasheet HTML 12Page - Maxim Integrated Products MAX8790 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Six-String White LED Driver with Active
Current Balancing for LCD Panel Applications
_______________________________________________________________________________________
9
Pin Description (continued)
PIN
NAME
FUNCTION
11
FB6
LED String 6 Cathode Connection. FB6 is the open-drain output of an internal regulator, which controls
current through FB6. FB6 can sink up to 25mA. If unused, connect FB6 to GND.
12
CS
Step-Up Controller Current-Sense Input. Connect the CS input to a ground-referenced sense resistor to
measure the current in the external MOSFET switch.
13
EXT
External MOSFET Gate-Drive Output
14
OV
Overvoltage Sense. Connect OV to the center tap of a resistive voltage-divider from VOUT to ground. The
detection threshold for voltage limiting at OV is 1.23V (typ).
15
VCC
5V Linear Regulator Output. VCC provides power to the MAX8790 and is also used to bias the gate driver
for the external MOSFET. Bypass VCC to GND with a ceramic capacitor of 1µF or greater. If VIN is less
than or equal to 5.5V, connect VCC to IN to the disable the internal LDO and use the external 5V supply to
VCC. When SHDN is low, the internal linear regulator is disabled.
16
IN
Supply Input. VIN biases the internal 5V linear regulator that powers the device. Bypass IN to GND directly
at the pin with a 0.1µF or greater ceramic capacitor.
17
CCV
Step-Up Converter Compensation Pin. Connect a 0.1µF ceramic capacitor and 1.2k
Ω resistor from CCV to
GND. When the MAX8790 shuts down, CCV is discharged to 0V through an internal 20k
Ω resistor.
18
ISET
Full-Scale LED Current Adjustment Pin. The resistance from ISET to GND controls the full-scale current in
each LED string:
ILEDmax = 20mA x 100k
Ω/RISET
The acceptable resistance range is 80k
Ω < RISET < 133kΩ, which corresponds to full-scale LED current of
25mA > ILEDmax > 15mA. Connect ISET to VCC for a default full-scale LED current of 20mA.
19
FSET
PLL Free-Running Frequency Control Pin. The resistance from FSET to GND controls the PLL oscillator’s
free-running frequency, fPLL:
fPLL = 1 / (10 x RFSET x 800pF)
The capture range is 0.6 x fPLL to fPLL. The acceptable resistance range for FSET is 250k
Ω < RFSET <
754k
Ω, which corresponds to a frequency range of 500Hz > fPLL > 166Hz. The resulting capture
frequency range is 100Hz to 500Hz.
20
CPLL
Phase-Locked Loop-Compensation Capacitor Pin. The capacitance at CPLL compensates the PLL loop
response. Connect a 0.1µF ceramic capacitor from CPLL to GND.
EP
EP
Exposed Backside Pad. Solder to the circuit board ground plane with sufficient copper connection to
ensure low thermal resistance. See the PCB Layout Guidelines section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com