Electronic Components Datasheet Search
  English  ▼

X  

MAX8790 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8790
Description  Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8790 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8790 Datasheet HTML 2Page - Maxim Integrated Products MAX8790 Datasheet HTML 3Page - Maxim Integrated Products MAX8790 Datasheet HTML 4Page - Maxim Integrated Products MAX8790 Datasheet HTML 5Page - Maxim Integrated Products MAX8790 Datasheet HTML 6Page - Maxim Integrated Products MAX8790 Datasheet HTML 7Page - Maxim Integrated Products MAX8790 Datasheet HTML 8Page - Maxim Integrated Products MAX8790 Datasheet HTML 9Page - Maxim Integrated Products MAX8790 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Six-String White LED Driver with Active
Current Balancing for LCD Panel Applications
6
_______________________________________________________________________________________
Typical Operating Characteristics
(Circuit configuration 1, VIN = 12V, VSHDN = VIN, LEDs = 8 series x 6 parallel strings, ISET = VCC, TA = +25°C, unless otherwise noted.)
BOOST CONVERTER EFFICIENCY
vs. INPUT VOLTAGE (BRT = 100%)
INPUT VOLTAGE (V)
94
93
92
91
90
89
88
87
86
712
17
500kHz
750kHz
1MHz
NORMALIZED POWER vs. TOTAL LED CURRENT
(ANALOG AND DPWM DIMMING)
TOTAL LED CURRENT (mA)
1.2
1.0
0.8
0.6
0.4
0.2
0
1
10
100
1000
NORMALIZED TO VIN = 20V, AND ILED = 20mA
VIN = 7V
TOTAL LED
POWER, ANALOG
TOTAL INPUT
POWER, DPWM
TOTAL INPUT
POWER, ANALOG
TOTAL LED
POWER, DPWM
LED CURRENT vs. BRT DUTY CYCLE
(BRT AT 200Hz)
BRT DUTY CYCLE (%)
25
20
15
10
5
0
1
10
100
IDENTICAL FOR DPWM DIMMING
AND ANALOG DIMMING
LED CURRENT
vs. AMBIENT TEMPERATURE (BRT = 100%)
AMBIENT TEMPERATURE (
°)
21.0
20.8
20.6
20.4
20.2
20.0
19.8
19.6
19.4
19.2
19.0
020
60
40
80
LED CURRENT REGULATION
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
0.05
0.04
0.03
0.02
0.01
0
-0.01
-0.02
-0.03
-0.04
-0.05
712
17
ANALOG DIMMING
BRT = 10%
DPWM DIMMING
BRT = 100%
DPWM DIMMING
BRT = 10%
FB_ VOLTAGE vs. LED CURRENT
(ANALOG DIMMING)
LED STRING CURRENT (mA)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
5
10
15
20
25
30
SUPPLY CURRENT vs. INPUT VOLTAGE
(DPWM DIMMING)
INPUT VOLTAGE (V)
7
6
5
4
3
2
1
0
712
17
BRT = 100%
BRT = 0%
SHUTDOWN CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
7
6
5
4
3
2
1
0
712
17
SWITCHING WAVEFORMS
(BRT = 100%)
MAX8790 toc09
200ns/div
IL
500mA/div
0mA
VLX
10V/div
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com