Electronic Components Datasheet Search
  English  ▼

X  

MAX8790 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX8790
Description  Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8790 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX8790 Datasheet HTML 14Page - Maxim Integrated Products MAX8790 Datasheet HTML 15Page - Maxim Integrated Products MAX8790 Datasheet HTML 16Page - Maxim Integrated Products MAX8790 Datasheet HTML 17Page - Maxim Integrated Products MAX8790 Datasheet HTML 18Page - Maxim Integrated Products MAX8790 Datasheet HTML 19Page - Maxim Integrated Products MAX8790 Datasheet HTML 20Page - Maxim Integrated Products MAX8790 Datasheet HTML 21Page - Maxim Integrated Products MAX8790 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
where 51mV is a scale factor based on slope compen-
sation, and RS is the current-sense resistor. To deter-
mine the minimum inductor value, the RS can be
temporarily calculated using the following equation:
where 100mV is the current-limit sense voltage.
The minimum inductor value should be recalculated
after the RS is determined (see the Sense-Resistor
Selection section).
Choose an available inductor value from an appropriate
inductor family. Calculate the maximum DC input cur-
rent at the minimum input voltage VIN(MIN), using con-
servation of energy and the expected efficiency at that
operating point (
η
MIN) taken from an appropriate curve
in the
Typical Operating Characteristics:
Calculate the ripple current at that operating point and
the peak current required for the inductor:
When DCM operating mode is chosen to minimize the
inductor value, the calculations are different from that in
the above CCM mode. The maximum inductor value for
DCM mode is calculated by the following equation:
The peak inductor current in DCM mode is calculated
using the following equation:
The inductor’s saturation current rating should exceed
IPEAK and the inductor’s DC current rating should
exceed IIN(DC,MAX). For good efficiency, choose an
inductor with less than 0.1Ω series resistance.
Considering the typical operating circuit, the maximum
load current (IOUT(MAX)) is 120mA with a 28.72V output
and a minimal input voltage of 7V. Choosing a DCM
operating mode and estimating efficiency of 90% at this
operating point:
An inductance less than LDCM(MAX) is required, so a
4.7µH inductor is chosen. The peak inductor current at
minimum input voltage is calculated as follows:
Sense-Resistor Selection
The detected signal is fed into the step-up converter
control compensation loop through the CS pin.
The MAX8790’s current-mode step-up converter senses
the switch current from CS to GND with an external
resistor, RS. The current-limit sense voltage is a fixed
100mV. The required resistance is calculated based
upon the peak inductor current at the end of the switch
on-time:
where 25.6mV is a scale factor from slope compensa-
tion, VCS_EC is the current-sense voltage listed in the
Electrical Characteristics table (85mV), and the DMAX is
the maximum duty cycle at minimum input voltage and
maximum output voltage. In DCM operating mode, it is
calculated by the following equation:
For the typical operating circuit as Figure 1:
Again, RS is calculated as a maximum, so a 56mΩ cur-
rent-sense resistor is chosen.
R
mV
mV
A
m
S
<
+×
−
()
=
85
25 6
0 75 0 68
135
64
..
.
.
Ω
D
H
A
MHz
V
MAX
=
××
=
47
135
0 75
7
068
..
.
.
μ
D
LI
f
V
MAX
LIM
OSC
IN MIN
= ××
()
R
VmV
D
I
S
CS EC
MAX
PEAK
<
+×
−
()
_
..
25 6
0 75
I
mA
V
V
V
V
H
MHz
V
V
A
PEAK
=
××
×
+
−
()
μ×
×
×
+
()
=
120
2 2872
2872
0 4
7
4 7
0 675
0 9
28 72
0 4
135
..
.
..
.
.
.
.
L
V
VV
V
MHz
V
mA
H
DCM MAX
()
..
()
.
..
.
=−
+
⎛
⎝⎜
⎞
⎠⎟
×
×
××
×
=
1
7
28 72
0 4
70 9
2 0 825
28 72
120
58
2
μ
I
IV
V
V
V
Lf
V
V
PEAK
OUT
OUT MAX
OUT MAX
DIODE
IN MIN
OSC MIN
OUT MAX
DIODE
=
××
×
+
−
()
×× ×
+
()
(max)
(
)
(
)
(
)
()
(
)
2
η
L
V
VV
V
fV
I
DCM MAX
IN MIN
OUT MAX
DIODE
IN MIN
OSC MAX
OUT MAX
OUT MAX
()
()
()
()
()
()
()
=−
+
⎛
⎝
⎜
⎞
⎠
⎟ ×
×
××
×
1
2
2
η
II
I
PEAK
IN DCMAX
RIPPLE
=+
(,
)
2
I
VV
V
LV
f
RIPPLE
IN MIN
OUT MAX
IN MIN
OUT MAX
OSC
=
×−
()
××
()
(
)
()
()
I
IV
V
IN DCMAX
OUT MAX
OUT
IN MIN
MIN
(,
)
()
()
=
×
×η
R
mV
I
S TMP
IN DCMAX
_
(,
)
.
=
×
100
12
Six-String White LED Driver with Active
Current Balancing for LCD Panel Applications
18
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com