Electronic Components Datasheet Search
  English  ▼

X  

MAX8790 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX8790
Description  Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8790 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX8790 Datasheet HTML 10Page - Maxim Integrated Products MAX8790 Datasheet HTML 11Page - Maxim Integrated Products MAX8790 Datasheet HTML 12Page - Maxim Integrated Products MAX8790 Datasheet HTML 13Page - Maxim Integrated Products MAX8790 Datasheet HTML 14Page - Maxim Integrated Products MAX8790 Datasheet HTML 15Page - Maxim Integrated Products MAX8790 Datasheet HTML 16Page - Maxim Integrated Products MAX8790 Datasheet HTML 17Page - Maxim Integrated Products MAX8790 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
clamped to a level set with the OV feedback input.
When this elevated output voltage is applied to the
undamaged strings, excessive voltage drop develops
across the FB_ pins. If the resulting HVC signal
exceeds VCC + 0.6V for greater than 65ms, the fault
latch is triggered to protect the circuit.
LED-Short and String Mismatch Protection
Normally, white LEDs have variations in forward-voltage
drop of 3.1V to 3.6V. The MAX8790 can tolerate slight
mismatches between LED strings. When the sum of the
LED forward voltages creates a mismatch in the strings
so the HVC signal exceeds VCC + 0.6V for greater than
65ms, the fault latch is triggered in much the same way
as the circuit responds to open string faults. Similar pro-
tection is activated when an LED is shorted.
The larger the number of series-connected LEDs (N),
the smaller the tolerable mismatch between LEDs:
VSAT
≈ 450mV and VCC = 5V
For N = 8, the average error per LED = 644mV.
For N = 10, the average error per LED = 510mV.
The larger the total mismatch, the larger the voltage
drop required across each current source to correct for
the error, and therefore the larger the dissipation within
the MAX8790.
Dimming Control
The MAX8790 features both analog and digital dim-
ming control. Analog dimming can provide potentially
higher converter efficiency because of low voltage drop
across each WLED when the current is low. Digital dim-
ming (DPWM) provides less WLED color distortion
since the WLED current is held at full scale when the
WLED is on.
The MAX8790’s dimming control circuit consists of a
PLL, a digital comparator, and a DAC. The controller
provides 100:1 dimming range through either analog or
digital control methods. Both methods translate the
duty cycle of the BRT input into a control signal for the
LED current sources. In analog dimming mode, the cur-
rent-source outputs are DC and the BRT duty cycle
(12.5% < DBRT < 100%) modulates the amplitude of
the currents. For DBRT < 12.5%, the LED current is digi-
tally modulated to reduce the average LED current
down to 1% of full scale. The PLL detects the BRT fre-
quency and phase, and adjusts the current-source
amplitude and duty cycle synchronously (see Figure 4).
Average Error Per LED
V
N
=
5 150
.
Error
V
N
∑
< 5 150
.
Error V
V V
N
CC
SAT
∑
<+
−
06
.
Six-String White LED Driver with Active
Current Balancing for LCD Panel Applications
14
______________________________________________________________________________________
BRT
0A
ILEDMAX
ILED
ANALOG DIMMING MODE
D = 50%
D = 30%
D = 12.5%
D = 6.25%
D =
tON
tON
tBRT
tBRT
Figure 4. LED Current Control Using Analog Dimming Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com