Electronic Components Datasheet Search
  English  ▼

X  

440EP Datasheet(PDF) 11 Page - Applied Micro Circuits Corporation

Part # 440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EP Datasheet(HTML) 11 Page - Applied Micro Circuits Corporation

Back Button 440EP Datasheet HTML 7Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 8Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 9Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 10Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 11Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 12Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 13Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 14Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 15Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
AMCC Proprietary
11
440EP – PPC440EP Embedded Processor
Data Sheet
Revision 1.26 – April 25, 2007
PCI Interface
The PCI interface allows connection of PCI devices to the PowerPC processor and local memory. This interface is
designed to Version 2.2 of the PCI Specification and supports 32- bit PCI devices.
Reference Specifications:
• PowerPC CoreConnect Bus (PLB) Specification Version 3.1
• PCI Specification Version 2.2
• PCI Bus Power Management Interface Specification Version 1.1
Features include:
•PCI 2.2
– Frequency to 66MHz
– 32-bit bus
• PCI Host Bus Bridge or an Adapter Device's PCI interface
• Internal PCI arbitration function, supporting up to six external devices, that can be disabled for use with an
external arbiter
• Support for Message Signaled Interrupts
• Simple message passing capability
• Asynchronous to the PLB
• PCI Power Management 1.1
• PCI register set addressable both from on-chip processor and PCI device sides
• Ability to boot from PCI bus memory
• Error tracking/status
• Supports initiation of transfer to the following address spaces:
– Single beat I/O reads and writes
– Single beat and burst memory reads and writes
– Single beat configuration reads and writes (type 0 and type 1)
– Single beat special cycles
DDR SDRAM Memory Controller
The Double Data Rate (DDR) SDRAM memory controller supports industry standard discrete devices. Up to four
256MB logical banks are supported in limited configurations. Global memory timings, address and bank sizes, and
memory addressing modes are programmable.
Features include:
• Registered and non-registered industry standard discrete devices
• 32-bit memory interface with optional 8-bit ECC (SEC/DED)
• Sustainable 1.1GB/s peak bandwidth at 133MHz
• SSTL_2 logic
• 1 to 4 chip selects
• CAS latencies of 2, 2.5 and 3 supported
• DDR200/266 support
• Page mode accesses (up to eight open pages) with configurable paging policy
• Programmable address mapping and timing
• Hardware and software initiated self-refresh
• Power management (self-refresh, suspend, sleep)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com