Electronic Components Datasheet Search
  English  ▼

X  

440EP Datasheet(PDF) 10 Page - Applied Micro Circuits Corporation

Part # 440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EP Datasheet(HTML) 10 Page - Applied Micro Circuits Corporation

Back Button 440EP Datasheet HTML 6Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 7Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 8Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 9Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 10Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 11Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 12Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 13Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 14Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
10
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
Internal Buses
The PowerPC 440EP features five standard on-chip buses: two Processor Local Buses (PLBs), two On-Chip
Peripheral Buses (OPBs), and the Device Control Register Bus (DCR). The high performance, high bandwidth
cores such as the PowerPC 440 processor core, the DDR SDRAM memory controller, and the PCI bridge connect
to the PLBs. The primary OPB hosts lower data rate peripherals. The secondary OPB is dedicated to USB 2.0 and
DMA. The daisy-chained DCR provides a lower bandwidth path for passing status and control information between
the processor core and the other on-chip cores.
Features include:
• PLB 128 (PLB4)
– 128-bit implementation of the PLB architecture
– Separate and simultaneous read and write data paths
– 36-bit address
– Simultaneous control, address, and data phases
– Four levels of pipelining
– Byte-enable capability supporting unaligned transfers
– 32- and 64-byte burst transfers
– 133MHz, maximum 4.25GB/s (simultaneous read and write)
– Processor:bus clock ratios of N:1 and N:2
• PLB 64 (PLB3)
– 64-bit implementation of the PLB architecture
– 32-bit address
– 133MHz (1:1 ratio with PLB 128), maximum 1.1GB/s (no simultaneous read and write)
•OPB (2)
– 32-bit data path
– 32-bit address
– 66.66MHz
• DCR
– 32-bit data path
– 10-bit address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com