Electronic Components Datasheet Search
  English  ▼

X  

440EP Datasheet(PDF) 16 Page - Applied Micro Circuits Corporation

Part # 440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EP Datasheet(HTML) 16 Page - Applied Micro Circuits Corporation

Back Button 440EP Datasheet HTML 12Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 13Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 14Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 15Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 16Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 17Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 18Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 19Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 20Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
16
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
Package Diagram
Figure 3. 35mm, 456-Ball E-PBGA
A
s
1.27 TYP
0.75
± 0.15 SOLDERBALL x 456
26
AF
35.0
±0.2
31.75
35.0
B
A
C
0.20
∅ 0.30
∅ 0.15 s
C AB
s
s
Gold Gate Release
Corresponds to
0.20
C
C
0.6
±0.1
PCB
Substrate
Mold
Compound
B
C
D
E
F
G
H
J
K
L
M
AA
N
P
R
T
U
V
W
Y
AB
AC
AD
AE
Thermal Balls
A1 Ball Location
13 5
7
911 13 15 17 19
2
4
6 810 12 14 16 18
21 23 25
20 22 24
Top View
Bottom View
0.25
0.35 C
C
Notes: 1. All dimensions are in mm.
2.65 MAX
2. Package is available in both lead-free and leaded versions.
30 TYP
PPC440EP
1YWWBZZZZZ
nprffft
Lot Number
Part Number
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com