| Electronic Components Datasheet Search |
|
440EP Datasheet(PDF) 77 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
440EP Datasheet(HTML) 77 Page - Applied Micro Circuits Corporation |
|
77 / 84 page ![]() AMCC Proprietary 77 440EP – PPC440EP Embedded Processor Data Sheet Revision 1.26 – April 25, 2007 Example 1: If the data-to-PLB clock timing is as shown in the example below, then the read clock is not delayed and the Stage 1 data is sampled at (1). Except for small, low frequency memory systems with the memory located physically close to the PPC440EP, it is unlikely that Stage 1 data can be sampled. When the data comes later, it is necessary to sample Stage 2 or Stage 3 data. (see Examples 2 and 3). Another way to get the desired data-to-PLB timing to allow Stage 1 sampling is to buffer MemClkOut0 and skew it enough to guarantee the timing. In this example, TT is system dependent and taken into account by controller initialization software. Figure 11. DDR SDRAM Read Cycle Timing—Example 1 DQS at pin PLB Clock TSIN TDIN = Delay from data at package pin to D on Stage 1 FF. TSIN = Delay from DQS at package pin to C on Stage 1 FF. Data at pin D0 D1 D2 D3 DQS Stage 1 C D0 D1 D2 D3 TDIN D0 D2 Data in Stage 1 D D1 D3 Data out Stage 1 High Low TP D0 D2 D1 D3 Data in at RDSP High Low with no ECC TT TP = Propagation delay through FFs TT = Propagation delay, Stage 1 input to RDSP input w/o ECC D0 D2 D1 D3 Data out RDSP High Low (1) D2 D2 TP D0 D0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |