Electronic Components Datasheet Search
  English  ▼

X  

440EP Datasheet(PDF) 61 Page - Applied Micro Circuits Corporation

Part # 440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EP Datasheet(HTML) 61 Page - Applied Micro Circuits Corporation

Back Button 440EP Datasheet HTML 57Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 58Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 59Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 60Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 61Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 62Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 63Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 64Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 65Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
AMCC Proprietary
61
440EP – PPC440EP Embedded Processor
Data Sheet
Revision 1.26 – April 25, 2007
Power Sequencing
Startup sequencing of the power supply voltages is not required. However, a power-down cycle must complete
(OVDD and VDD are below +0.4V) before a new power-up cycle is started.
Table 9. Input Capacitance
Parameter
Symbol
Maximum
Unit
Notes
Group 1 (2.5V SSTL I/O)
CIN1
2.5
pF
Group 2 (3.3V LVTTL I/O)
CIN2
2.1
pF
Group 3 (PCI I/O)
CIN3
2.5
pF
Group 4 (Receivers)
CIN4
0.9
pF
Group 5 (3.3V tolerant CMOS I/O)
CIN5
2.4
pF
Group 6 (USB)
CIN6
4.5
pF
Table 10. Typical DC Power Supply Requirements
Frequency (MHz)
+1.5V Supply
(VDD+AVDD+SAVDD)
+2.5V Supply
(SVDD)
+3.3V Supply
(OVDD)
Total
Unit
Notes
333
1.15
1.15
0.04
2.34
W
1
400
1.24
1.15
0.04
2.43
W
1
533
1.43
1.15
0.04
2.62
W
1
667
2.08
1.15
0.04
3.27
W
1
Notes:
1. Typical Power is based on nominal voltage of VDD = +1.5V and TC = max. specified in Table 8 on page 59, while running Linux and a test
application that exercises each core with representative traffic.
Table 11. VDD Supply Power Dissipation
Frequency (MHz)
+1.4V
+1.5V
+1.6V
Unit
Notes
333
0.96
1.15
1.38
W
1
400
1.04
1.24
1.49
W
1
533
1.20
1.43
1.71
W
1
667
1.74
2.08
2.52
W
1
Notes:
1. Power is based on VDD specified in the table and TC = max. specified in Table 8 on page 59, while running Linux and a test application
that exercises each core with representative traffic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com