Electronic Components Datasheet Search
  English  ▼

X  

440EP Datasheet(PDF) 63 Page - Applied Micro Circuits Corporation

Part # 440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EP Datasheet(HTML) 63 Page - Applied Micro Circuits Corporation

Back Button 440EP Datasheet HTML 59Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 60Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 61Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 62Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 63Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 64Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 65Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 66Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 67Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
AMCC Proprietary
63
440EP – PPC440EP Embedded Processor
Data Sheet
Revision 1.26 – April 25, 2007
The heat sinks are manufactured by:
Alpha Novatech, Inc. (www.alphanovatech.com)
473 Sapena Court, #12
Santa Clara, CA 95054
Phone: 408-567-8082
Test Conditions
Clock timing and switching characteristics are specified in accordance with operating
conditions shown in the table “Recommended DC Operating Conditions.” AC
specifications are characterized with VDD =1.5V, TJ = +125 °C and a 50pF test load as
shown in the figure to the right.
Figure 4. Timing Waveform
Table 14. Clocking Specifications
Symbol
Parameter
Min
Max
Units
SysClk Input
FC
Frequency
33.33
66.66
MHz
TC
Period
15
30
ns
TCS
Edge stability (cycle-to-cycle jitter)
–
±0.15
ns
TCH
High time
40% of nominal period
60% of nominal period
ns
TCL
Low time
40% of nominal period
60% of nominal period
ns
Note: Input slew rate
≥ 1V/ns
MemClkOut and PLB Clock
FC
Frequency
100
133.33
MHz
TC
Period
7.5
10
ns
TCH
High time
45% of nominal period
55% of nominal period
ns
PLL VCO
FC
Frequency
600
1334
MHz
TC
Period
0.7496
1.66
ns
MAL Clock
FC
Frequency
45
83.33
MHz
TC
Period
12
22.2
ns
Output
Pin
50pF
TCL
TCH
TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com