Electronic Components Datasheet Search
  English  ▼

X  

440EP Datasheet(PDF) 50 Page - Applied Micro Circuits Corporation

Part # 440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EP Datasheet(HTML) 50 Page - Applied Micro Circuits Corporation

Back Button 440EP Datasheet HTML 46Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 47Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 48Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 49Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 50Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 51Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 52Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 53Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 54Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
50
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
Table 6. Signal Functional Description (Sheet 1 of 9)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes
PCI Interface
PCIAD00:31
Address/Data bus (bidirectional).
I/O
3.3V PCI
PCIC0:3/BE0:3
PCI Command/Byte Enables
.
I/O
3.3V PCI
PCIClk
Provides timing to the PCI interface for PCI transactions.
I
3.3V PCI
PCIDevSel
Indicates the driving device has decoded its address as the
target of the current access.
I/O
3.3V PCI
PCIFrame
Driven by the current master to indicate beginning and
duration of an access.
I/O
3.3V PCI
PCIGnt0/Req
Indicates that the specified agent is granted access to the bus.
When the internal arbiter is enabled, output is PCIGnt0. When
the internal arbiter is disabled, output is Req.
O
3.3V PCI
PCIGnt1:5
Indicates that the specified agent is granted access to the bus.
Used only when internal PCI arbiter enabled.
O
3.3V PCI
PCIIDSel
Used as a chip select during configuration read and write
transactions.
I
3.3V PCI
PCIINT
Level sensitive PCI interrupt.
O
3.3V PCI
PCIIRDY
Indicates initiating agent’s ability to complete the current data
phase of the transaction.
I/O
3.3V PCI
PCIPar
Even parity.
I/O
3.3V PCI
PCIPErr
Reports data parity errors during all PCI transactions except a
Special Cycle.
I/O
3.3V PCI
PCIReq0/Gnt
Indicates to the PCI arbiter that the specified agent wishes to
use the bus. When the internal arbiter is enabled, input is
PCIReq0. When internal arbiter is disabled, input is Gnt.
I
3.3V PCI
PCIReq1:5
An indication to the PCI arbiter that the specified agent wishes
to use the bus. Used only when internal PCI arbiter enabled.
I
3.3V PCI
PCIReset
Brings PCI device registers and logic to a consistent state.
O
3.3V PCI
PCISErr
Reports address parity errors, data parity errors on the Special
Cycle command, or other catastrophic system errors.
I/O
3.3V PCI
PCIStop
Current target is requesting the master to stop the current
transaction.
I/O
3.3V PCI
PCITRDY
Target agent’s ability to complete the current data phase of the
transaction.
I/O
3.3V PCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com