Electronic Components Datasheet Search
  English  ▼

X  

440EP Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # 440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EP Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  440EP Datasheet HTML 1Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 2Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 3Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 4Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 5Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 6Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 7Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 8Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
4
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
Ordering and PVR Information
For information on the availability of the following parts, contact your local AMCC sales office.
Each part number contains a revision code. This is the die mask revision number and is included in the part
number for identification purposes only.
The PVR (Processor Version Register) and the JTAG ID register are software accessible (read-only) and contain
information that uniquely identifies the part. Refer to the PPC440EP User’s Manual for details on accessing these
registers.
Figure 1. Order Part Number Key
Product Name
Order Part Number
(see Notes:)
Package
Revision
Level
PVR Value
JTAG ID
PPC440EP
PPC440EP-3pbfffCx
35mm, 456 ball, E-PBGA
B
0x422218D3
0x2A950049
PPC440EP
PPC440EP-3pbfffCx
35mm, 456 ball, E-PBGA
C
0x422218D4
0x2A950049
Notes:
1. p = Module Package type
B = standard (E-PBGA) and contains lead.
J = standard (E-PBGA) and is lead-free (RoHS compliant)
2. b = Chip revision level
B = Revision level B (2.0)
C = Revision level C (2.1)
3. fff = Processor frequency
333 = 333MHz
400 = 400MHz
533 = 533MHz
667 = 667MHz
4. C = Case temperature range:
-40°C to +100°C for 333MHz, 400MHz, and 533MHz parts in any package
-40°C to +85°C for 667MHz parts in the E-PBGA package
x = Shipping package type
Z = tape-and-reel
Blank = tray
AMCC Part Number
PPC440EP-3JC667CZ
Package
Processor Frequency
Grade 3 Reliability
Case Temperature Range
Revision Level
Shipping Package
Note: The example P/N above is a standard lead-free, revision C package, capable of running at
667MHz, and is shipped in tape-and-reel packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com