Electronic Components Datasheet Search
  English  ▼

X  

440EP Datasheet(PDF) 62 Page - Applied Micro Circuits Corporation

Part # 440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EP Datasheet(HTML) 62 Page - Applied Micro Circuits Corporation

Back Button 440EP Datasheet HTML 58Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 59Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 60Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 61Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 62Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 63Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 64Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 65Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 66Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
62
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
Thermal Management
The following heat sinks were used in the above thermal analysis:
ALPHA W35-15W (35mm x 35mm x15mm)
ALPHA LPD35-15B (35mm x 35mm x15mm)
Table 12. DC Power Supply Current Loads
Parameter
Symbol
Typical
Maximum
Unit
Notes
VDD (1.5V) active operating current
IDD
1380
2200
mA
OVDD (3.3V) active operating current
IODD
10
100
mA
SVDD (2.5V) active operating current
ISDD
460
600
mA
AVDD (1.5V) input current
IADD
3.2
5
mA
1
SAVDD (1.5V) active operating current
ISADD
6.05
10
mA
1
Notes:
1. See “Absolute Maximum Ratings” on page 59 for filter recommendations.
2. The maximum current values listed above are not guaranteed to be the highest obtainable. These values are dependent on many factors
including the type of applications running, clock rates, use of internal functional capabilities, external interface usage, case temperature,
and the power supply voltages. Your specific application can produce significantly different results. VDD current and power are primarily
dependent on the applications running and the use of internal chip functions (DMA, PCI, Ethernet, and so on). OVDD current and power
are primarily dependent on the capacitive loading, frequency, and utilization of the external buses.
3. Typical current is estimated at 667MHz with VDD = +1.5V, OVDD = +3.3V, SVDD = +2.5V, and TC = +85°C, while running Linux and a test
application that exercises each core with representative traffic.
4. Maximum current is estimated at 667MHz with VDD = +1.6V, OVDD = +3.6V, SVDD = +2.7V, TC = +85°C, and a best-case process (which
drives worst-case power), while running Linux and a test application that exercises each core with representative traffic.
Table 13. Package Thermal Specifications
Thermal resistance values for the E-PBGA and TE-PBGA package are as follows:
Parameter
Symbol
Package
Airflow
ft/min (m/sec)
Unit
Notes
0 (0)
100 (0.51)
200 (1.02)
Junction-to-ambient thermal resistance
without heat sink
θ
JA
E-PBGA
20.0
18.7
17.9
°C/W
Junction-to-ambient thermal resistance
with heat sink
θ
JA
E-PBGA
15.3
11.9
10.5
°C/W
Resistance Value
Junction-to-case thermal resistance
θ
JC
E-PBGA
8.3
°C/W
Junction-to-board thermal resistance
θ
JB
E-PBGA
14.3
°C/W
Notes:
1. Case temperature, TC, is measured at top center of case surface with device soldered to circuit board.
2. TA = TC - P×θCA, where TA is ambient temperature and P is power consumption.
3. TCMax = TJMax - P×θJC, where TJMax is maximum junction temperature (+125°C) and P is power consumption.
4. The preceding equations assume that the chip is mounted on a board with at least one signal and two power planes.
5. Values in the table were achieved with a JEDEC standard board: 114.5mm x 101.6mm x 1.6mm, 4 layers.
6. Values for an attached heat sink were achieved with a 35mm x 35mm x 15mm unit (see Thermal Management below), attached with a
0.1mm thickness of adhesive having a thermal conductivity of 1.3W/mK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com