Electronic Components Datasheet Search
  English  ▼

X  

440EP Datasheet(PDF) 60 Page - Applied Micro Circuits Corporation

Part # 440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EP Datasheet(HTML) 60 Page - Applied Micro Circuits Corporation

Back Button 440EP Datasheet HTML 56Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 57Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 58Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 59Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 60Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 61Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 62Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 63Page - Applied Micro Circuits Corporation 440EP Datasheet HTML 64Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
60
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
Input Logic High (2.5V SSTL)
VIH
SVREF+0.18
SVDD+0.3
V
Input Logic High (2.5V CMOS, 3.3V tolerant receiver)
1.7
V
Input Logic High (3.3V PCI)
0.5OVDD
OVDD+0.5
V1
Input Logic High (3.3V LVTTL)
+2.0
+3.6
V
Input Logic Low (2.5V SSTL)
VIL
-0.3
SVREF-0.18
V
Input Logic Low (2.5V CMOS, 3.3V tolerant receiver)
0.7
V
Input Logic Low (3.3V PCI)
-0.5
0.35OVDD
V1
Input Logic Low (3.3V LVTTL)
0
+0.8
V
Output Logic High (2.5V SSTL)
VOH
+1.95
SVDD
V
Output Logic High (2.5V CMOS, 3.3V tolerant receiver)
2.0
SVDD
V
Output Logic High (3.3V PCI)
0.9OVDD
OVDD
V1
Output Logic High (3.3V LVTTL)
+2.4
OVDD
V
Output Logic Low (2.5V SSTL)
VOL
00.55
V
Output Logic Low (2.5V CMOS, 3.3V tolerant receiver)
0.4
V
Output Logic Low (3.3V PCI)
0.1OVDD
V1
Output Logic Low (3.3V LVTTL)
0
+0.4
V
Input Leakage Current (No pull-up or pull-down)
IIL1
00
μA
Input Leakage Current for Pull-Down
IIL2
0 (LPDL)
200 (MPUL)
μA
Input Leakage Current for Pull-Up
IIL3
-150 (LPDL)
0 (MPUL)
μA
Input Max Allowable Overshoot (3.3V LVTTL)
VIMAO
+3.9
V
Input Max Allowable Undershoot (3.3V LVTTL)
VIMAU
-0.6
V
Output Max Allowable Overshoot (3.3V LVTTL)
VOMAO
+3.9
V
Output Max Allowable Undershoot (3.3V LVTTL)
VOMAU3
-0.6
V
Case Temperature:
333MHz, 400MHz, and 533MHz parts in any package
667MHz parts in the E-PBGA package
667MHz parts in the TE-PBGA package.
TC
-40
-40
-40
+100
+85
+95
°C
Notes:
1. PCI drivers meet PCI specifications.
2. SVREF = SVDD/2
3. The analog voltages used for the on-chip PLLs can be derived from the logic voltage, but must be filtered before entering the
PPC440EP. See “Absolute Maximum Ratings” on page 59.
Table 8. Recommended DC Operating Conditions (Sheet 2 of 2)
Device operation beyond the conditions specified is not recommended. Extended operation beyond the recommended
conditions can affect device reliability.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com