Electronic Components Datasheet Search
  English  ▼

X  

AD7147 Datasheet(PDF) 35 Page - Analog Devices

Part # AD7147
Description  CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD7147 Datasheet HTML 31Page - Analog Devices AD7147 Datasheet HTML 32Page - Analog Devices AD7147 Datasheet HTML 33Page - Analog Devices AD7147 Datasheet HTML 34Page - Analog Devices AD7147 Datasheet HTML 35Page - Analog Devices AD7147 Datasheet HTML 36Page - Analog Devices AD7147 Datasheet HTML 37Page - Analog Devices AD7147 Datasheet HTML 38Page - Analog Devices AD7147 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
AD7147
Rev. 0 | Page 35 of 68
SDA
DEV
A6
DEV
A5
DEV
A4
R/W
A7
A6
SCLK
DEV
A3
A1
A0
1
26
23
4
17
18
19
20
25
DEV
A2
DEV
A1
DEV
A0
ACK
A15
A14
11
16
5
678
910
START
AD7147-1 DEVICE ADDRESS
A9
A8
REGISTER ADDRESS [A15:A8]
REGISTER ADDRESS [A7:A0]
ACK
D15
D14
D9
D8
35
27
28
29
34
37
36
43
38
44
D1
D0
D7
D6
ACK
ACK
45
46
ACK
STOP
DEV
A6
DEV
A5
DEV
A4
12
3
START
t8
t7
t6
t5
t4
t2
t1
t3
AD7147-1 DEVICE ADDRESS
NOTES
1. A START CONDITION AT THE BEGINNING IS DEFINED AS A HIGH-TO-LOW TRANSITION ON SDA WHILE SCLK REMAINS HIGH.
2. A STOP CONDITION AT THE END IS DEFINED AS A LOW-TO-HIGH TRANSITION ON SDA WHILE SCLK REMAINS HIGH.
3. 7-BIT DEVICE ADDRESS [DEV A6:DEV A0] = [0 1 0 1 1 X X], WHERE X IS A DON’T CARE BIT.
4. 16-BIT REGISTER ADDRESS [A15:A0] = [X, X, X, X, X, X, A9, A8, A7, A6, A5, A4, A3, A2, A1, A0], WHERE X IS A DON’T CARE BIT.
5. REGISTER ADDRESS [A15:A8] AND REGISTER ADDRESS [A7:A0] ARE ALWAYS SEPARATED BY A LOW ACK BIT.
6. REGISTER DATA [D15:D8] AND REGISTER DATA [D7:D0] ARE ALWAYS SEPARATED BY A LOW ACK BIT.
REGISTER DATA [D15:D8]
REGISTER DATA [D7:D0]
Figure 52. Example of I2C Timing for Single Register Write Operation
Writing Data over the I2C Bus
The process for writing to the AD7147-1 over the I2C bus is
shown in Figure 52 and Figure 54. The device address is sent
over the bus, followed by the R/W bit being set to 0 and then
two bytes of data that contain the 10-bit address of the internal
data register to be written. The following bit map shows the
upper register address bytes. Note that Bit 7 to Bit 2 in the upper
address byte are don’t care bits. The address is contained in the
10 LSBs of the register address bytes.
MSB
LSB
7
6
5
4
3
2
1
0
X
X
X
X
X
X
Register
Address
Bit 9
Register
Address
Bit 8
The following bit map shows the lower register address bytes.
MSB
LSB
7
6
5
4
3
2
1
0
Reg
Add
Reg
Add
Reg
Add
Reg
Add
Reg
Add
Reg
Add
Reg
Add
Reg
Add
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
The third data byte contains the eight MSBs of the data to be
written to the internal register. The fourth data byte contains
the eight LSBs of data to be written to the internal register.
The AD7147-1 address pointer register automatically increments
after each write. This allows the master to sequentially write to all
registers on the AD7147-1 in the same write transaction. However,
the address pointer register does not wrap around after the last
address. Therefore, any data written to the AD7147-1 after the
address pointer has reached its maximum value is discarded.
All registers on the AD7147-1 are 16 bits. Two consecutive 8-bit
data bytes are combined and written to the 16-bit registers. To
avoid errors, all writes to the device must contain an even
number of data bytes.
To finish the transaction, the master generates a stop condition
on SDO, or generates a repeat start condition if the master is to
maintain control of the bus.
Reading Data over the I2C Bus
To read from the AD7147-1, the address pointer register must
first be set to the address of the required internal register. The
master performs a write transaction, and then writes to the
AD7147-1 to set the address pointer. Next, the master outputs a
repeat start condition to keep control of the bus, or if this is not
possible, ends the write transaction with a stop condition. A read
transaction is initiated, with the R/W bit set to 1.
The AD7147-1 supplies the upper eight bits of data from the
addressed register in the first readback byte, followed by the
lower eight bits in the next byte. This is shown in Figure 53 and
Figure 54.
Because the address pointer automatically increments after each
read, the AD7147-1 continues to output readback data until the
master sends a no acknowledge and stop condition to the bus. If
the address pointer reaches its maximum value and the master
continues to read from the part, the AD7147-1 repeatedly sends
data from the last register that was addressed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com