| Electronic Components Datasheet Search |
|
AD7147 Datasheet(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7147 Datasheet(HTML) 29 Page - Analog Devices |
|
29 / 68 page ![]() AD7147 Rev. 0 | Page 29 of 68 GPIO INT OUTPUT CONTROL The INT output signal can be controlled by the GPIO pin when the GPIO is configured as an input. The GPIO is configured as an input by setting the GPIO_SETUP bits in the interrupt configuration register to 01. See the GPIO section for more information on how to configure the GPIO. Enable the GPIO interrupt by setting the GPIO_INT_ENABLE bit in Register 0x007 to 1, or disable the GPIO interrupt by clearing this bit to 0. The GPIO status bit in the conversion- complete interrupt status register reflects the status of the GPIO interrupt. This bit is set to 1 when the GPIO has triggered INT. The bit is cleared upon reading the GPIO_INT_STATUS bit if the condition that caused the interrupt is no longer present. The GPIO interrupt can be set to trigger on a rising edge, falling edge, high level, or low level at the GPIO input pin. Table 15 shows how the settings of the GPIO_INPUT_CONFIG bits in the interrupt enable (STAGE_LOW_INT_ENABLE) register affect the behavior of INT. Figure 42 to Figure 45 show how the interrupt output is cleared upon a read from the GPIO_INT_STATUS bit. GPIO INPUT INT OUTPUT SERIAL READBACK GPIO INPUT INT OUTPUT 1 1READ GPIO_INT_STATUS BIT TO RESET INT OUTPUT. GPIO INPUT HIGH WHEN REGISTER IS READ BACK GPIO INPUT LOW WHEN REGISTER IS READ BACK Figure 42. Example of INT Output Controlled by the GPIO Input (GP IO_SETUP = 01, GPIO_INPUT_CONFIG = 00) GPIO INPUT INT OUTPUT SERIAL READBACK GPIO INPUT INT OUTPUT 1 1READ GPIO_INT_STATUS BIT TO RESET INT OUTPUT. GPIO INPUT HIGH WHEN REGISTER IS READ BACK GPIO INPUT LOW WHEN REGISTER IS READ BACK Figure 43. Example of INT Output Controlled by the GPIO Input (GPIO_SETUP = 01, GPIO_INPUT_CONFIG = 01) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |