Electronic Components Datasheet Search
  English  ▼

X  

AD7147 Datasheet(PDF) 32 Page - Analog Devices

Part # AD7147
Description  CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7147 Datasheet HTML 28Page - Analog Devices AD7147 Datasheet HTML 29Page - Analog Devices AD7147 Datasheet HTML 30Page - Analog Devices AD7147 Datasheet HTML 31Page - Analog Devices AD7147 Datasheet HTML 32Page - Analog Devices AD7147 Datasheet HTML 33Page - Analog Devices AD7147 Datasheet HTML 34Page - Analog Devices AD7147 Datasheet HTML 35Page - Analog Devices AD7147 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
AD7147
Rev. 0 | Page 32 of 68
SERIAL INTERFACE
The AD7147 is available with an SPI-compatible interface. The
AD7147-1 is available with an I2C-compatible interface. Both
parts are the same, with the exception of the serial interface.
SPI INTERFACE
The AD7147 has a 4-wire serial peripheral interface (SPI). The
SPI has a data input pin (SDI) for inputting data to the device, a
data output pin (SDO) for reading data back from the device,
and a data clock pin (SCLK) for clocking data into and out of
the device. A chip select pin (CS) enables or disables the serial
interface. CS is required for correct operation of the SPI. Data is
clocked out of the AD7147 on the negative edge of SCLK, and
data is clocked into the device on the positive edge of SCLK.
SPI Command Word
All data transactions on the SPI bus begin with the master
taking CS from high to low and sending out the command
word. This indicates to the AD7147 whether the transaction is a
read or a write and provides the address of the register from
which to begin the data transfer. The following bit map shows
the SPI command word.
MSB
LSB
15
14
13
12
11
10
9:0
1
1
1
0
0
R/W
Register address
Bits [15:11] of the command word must be set to 11100 to
successfully begin a bus transaction.
Bit 10 is the read/write bit; 1 indicates a read, and 0 indicates a
write.
Bits [9:0] contain the target register address. When reading or
writing to more than one register, this address indicates the
address of the first register to be written to or read from.
Writing Data
Data is written to the AD7147 in 16-bit words. The first word
written to the device is the command word, with the read/write
bit set to 0. The master then supplies the 16-bit input data-word
on the SDI line. The AD7147 clocks the data into the register
addressed in the command word. If there is more than one
word of data to be clocked in, the AD7147 automatically incre-
ments the address pointer and clocks the subsequent data-word
into the next register.
The AD7147 continues to clock in data on the SDI line until
either the master finishes the write transition by pulling CS high
or the address pointer reaches its maximum value. The AD7147
address pointer does not wrap around. When it reaches its
maximum value, any data provided by the master on the SDI
line is ignored by the AD7147.
CW
11
CW
10
CW
13
CW
12
SDI
CW
15
CW
14
CW
9
CW
7
CW
6
CW
5
CW
4
CW
3
CW
2
CW
1
CW
0
D2
D1
D0
CW
8
t1
t4
16-BIT DATA
5
32
6
7
8
9
10
11
12
13
14
15
16
30
31
t8
t5
SCLK
12
3
4
D15
D14
D13
17
18
19
CS
ENABLE WORD
R/W
REGISTER ADDRESS
t2
t3
NOTES
1. SDI BITS ARE LATCHED ON SCLK RISING EDGES. SCLK CAN IDLE HIGH OR LOW BETWEEN WRITE OPERATIONS.
2. ALL 32 BITS MUST BE WRITTEN: 16 BITS FOR THE CONTROL WORD AND 16 BITS FOR THE DATA.
3. 16-BIT COMMAND WORD SETTINGS FOR SERIAL WRITE OPERATION:
CW [15:11] = 11100 (ENABLE WORD)
CW [10] = 0 (R/W)
CW [9:0] = [AD9, AD8, AD7, AD6, AD5, AD4, AD3, AD2, AD1, AD0] (10-BIT MSB-JUSTIFIED REGISTER ADDRESS)
16-BIT COMMAND WORD
Figure 48. Single Register Write SPI Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com