Electronic Components Datasheet Search
  English  ▼

X  

AD7147 Datasheet(PDF) 68 Page - Analog Devices

Part # AD7147
Description  CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD7147 Datasheet HTML 60Page - Analog Devices AD7147 Datasheet HTML 61Page - Analog Devices AD7147 Datasheet HTML 62Page - Analog Devices AD7147 Datasheet HTML 63Page - Analog Devices AD7147 Datasheet HTML 64Page - Analog Devices AD7147 Datasheet HTML 65Page - Analog Devices AD7147 Datasheet HTML 66Page - Analog Devices AD7147 Datasheet HTML 67Page - Analog Devices AD7147 Datasheet HTML 68Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 68 / 68 page
background image
AD7147
Rev. 0 | Page 68 of 68
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VGGD-8
1
24
6
7
13
19
18
12
2.65
2.50 SQ
2.35
0.60 MAX
0.50
0.40
0.30
0.30
0.23
0.18
2.50 REF
0.50
BSC
12° MAX
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
1.00
0.85
0.80
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
3.75
BSC SQ
4.00
BSC SQ
PIN 1
INDICATOR
0.60 MAX
COPLANARITY
0.08
0.20 REF
0.23 MIN
EXPOSED
PAD
(BOTTOMVIEW)
Figure 62. 24-Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Very Thin Quad
(CP-24-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Serial Interface Description
Package Description
Package Option
AD7147ACPZ-REEL1
–40°C to +85°C
SPI Interface
24-Lead LFCSP_VQ
CP-24-3
AD7147ACPZ-500RL71
–40°C to +85°C
SPI Interface
24-Lead LFCSP_VQ
CP-24-3
AD7147ACPZ-1REEL1
–40°C to +85°C
I2C Interface
24-Lead LFCSP_VQ
CP-24-3
AD7147ACPZ-1500RL71
–40°C to +85°C
I2C Interface
24-Lead LFCSP_VQ
CP-24-3
EVAL-AD7147EBZ1
SPI Interface
Evaluation Board
EVAL-AD7147-1EBZ1
I2C Interface
Evaluation Board
1 Z = RoHS Compliant Part.
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06663-0-9/07(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com