Electronic Components Datasheet Search
  English  ▼

X  

AD7147 Datasheet(PDF) 37 Page - Analog Devices

Part # AD7147
Description  CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD7147 Datasheet HTML 33Page - Analog Devices AD7147 Datasheet HTML 34Page - Analog Devices AD7147 Datasheet HTML 35Page - Analog Devices AD7147 Datasheet HTML 36Page - Analog Devices AD7147 Datasheet HTML 37Page - Analog Devices AD7147 Datasheet HTML 38Page - Analog Devices AD7147 Datasheet HTML 39Page - Analog Devices AD7147 Datasheet HTML 40Page - Analog Devices AD7147 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
AD7147
Rev. 0 | Page 37 of 68
PCB DESIGN GUIDELINES
CAPACITIVE SENSOR BOARD MECHANICAL SPECIFICATIONS
Table 19.
Parameter
Symbol
Min
Typ
Max
Unit
Distance from Edge of Any Sensor to Edge of Grounded Metal Object
D1
0.1
mm
Distance Between Sensor Edges1
D2 = D3 = D4
0
mm
Distance Between Bottom of Sensor Board and Controller Board or Grounded
Metal Casing2
D5
1.0
mm
1 The distance is dependent on the application and the position of the switches relative to each other and with respect to the user’s finger position and handling.
Adjacent sensors with no space between them are implemented differentially.
2 The 1.0 mm specification is intended to prevent direct sensor board contact with any conductive material. This specification, however, does not guarantee an absence
of EMI coupling from the controller board to the sensors. To avoid potential EMI-coupling issues place a grounded metal shield between the capacitive sensor board
and the main controller board, as shown in Figure 57.
SLIDER
BUTTONS
CAPACITIVE SENSOR
PRINTED CIRCUIT
D1
D3
D4
8-WAY
SWITCH
METAL OBJECT
D2
Figure 55. Capacitive Sensor Board, Top View
D5
CAPACITIVE SENSOR BOARD
CONTROLLER PRINTED CIRCUIT BOARD OR METAL CASING
Figure 56. Capacitive Sensor Board, Side View
D5
CAPACITIVE SENSOR BOARD
GROUNDED METAL SHIELD
CONTROLLER PRINTED CIRCUIT BOARD OR METAL CASING
Figure 57. Capacitive Sensor Board with Grounded Shield
CHIP SCALE PACKAGES
The lands on the chip scale package (CP-24-3) are rectangular.
The printed circuit board pad for these should be 0.1 mm
longer than the package land length and 0.05 mm wider than
the package land width. Center the land on the pad to maximize
the solder joint size.
The bottom of the chip scale package has a central thermal pad.
The thermal pad on the printed circuit board should be at least
as large as this exposed pad. To avoid shorting, provide a
clearance of at least 0.25 mm between the thermal pad and the
inner edges of the land pattern on the printed circuit board.
Thermal vias can be used on the printed circuit board thermal
pad to improve the thermal performance of the package. If vias
are used, they should be incorporated in the thermal pad at a
1.2 mm pitch grid. The via diameter should be between 0.3 mm
and 0.33 mm, and the via barrel should be plated with 1 oz
copper to plug the via.
Connect the printed circuit board thermal pad to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com