Electronic Components Datasheet Search
  English  ▼

X  

AD7147 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7147
Description  CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7147 Datasheet HTML 6Page - Analog Devices AD7147 Datasheet HTML 7Page - Analog Devices AD7147 Datasheet HTML 8Page - Analog Devices AD7147 Datasheet HTML 9Page - Analog Devices AD7147 Datasheet HTML 10Page - Analog Devices AD7147 Datasheet HTML 11Page - Analog Devices AD7147 Datasheet HTML 12Page - Analog Devices AD7147 Datasheet HTML 13Page - Analog Devices AD7147 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
AD7147
Rev. 0 | Page 10 of 68
58000
40000
0
ACSHIELD CAPACITIVE LOAD (pF)
100
200
300
400
500
56000
54000
52000
50000
48000
46000
44000
42000
Figure 13. Output Code vs. Capacitive Load on ACSHIELD
960
780
–60
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
940
920
900
880
860
840
820
800
3.3V
3.6V
2.6V
Figure 14. Supply Current vs. Temperature
12
0
–45
135
TEMPERATURE (°C)
10
8
6
4
2
–25
–51535
557595
115
3.6V
2.6V
3.3V
Figure 15. Shutdown Supply Current vs. Temperature
160
0
SINE WAVE FREQUENCY (Hz)
140
120
100
80
60
40
20
25mV
75mV
125mV
175mV
50mV
100mV
150mV
200mV
Figure 16. Power Supply Sine Wave Rejection, VCC = 3.6 V
120
0
SQUARE WAVE FREQUENCY (Hz)
25mV
75mV
125mV
175mV
50mV
100mV
150mV
200mV
100
80
60
40
20
Figure 17. Power Supply Square Wave Rejection, VCC = 3.6 V
35
0
0
10000
20000
30000
40000
50000
60000
CDC OUTPUT CODE
30
25
20
15
10
5
Figure 18. CDC Linearity, VCC = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com