Electronic Components Datasheet Search
  English  ▼

X  

AD7147 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7147
Description  CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 1 Page - Analog Devices

  AD7147 Datasheet HTML 1Page - Analog Devices AD7147 Datasheet HTML 2Page - Analog Devices AD7147 Datasheet HTML 3Page - Analog Devices AD7147 Datasheet HTML 4Page - Analog Devices AD7147 Datasheet HTML 5Page - Analog Devices AD7147 Datasheet HTML 6Page - Analog Devices AD7147 Datasheet HTML 7Page - Analog Devices AD7147 Datasheet HTML 8Page - Analog Devices AD7147 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
CapTouch™ Programmable Controller for
Single-Electrode Capacitance Sensors
AD7147
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Programmable capacitance-to-digital converter (CDC)
Femtofarad resolution
13 capacitance sensor inputs
9 ms update rate, all 13 sensor inputs
No external RC components required
Automatic conversion sequencer
On-chip automatic calibration logic
Automatic compensation for environmental changes
Automatic adaptive threshold and sensitivity levels
Register map is compatible with the AD7142
On-chip RAM to store calibration data
SPI-compatible (serial-peripheral-interface-compatible)
serial interface (AD7147)
I2C-compatible serial interface (AD7147-1)
Separate VDRIVE level for serial interface
Interrupt output and general-purpose input/output (GPIO)
24-lead, 4 mm × 4 mm LFCSP
2.6 V to 3.3 V supply voltage
Low operating current
Full power mode: 1 mA
Low power mode: 21.5 μA
APPLICATIONS
Cell phones
Personal music and multimedia players
Smart handheld devices
Television, A/V, and remote controls
Gaming consoles
Digital still cameras
GENERAL DESCRIPTION
The AD7147 is designed for use with capacitance sensors
implementing functions such as buttons, scroll bars, and
wheels. The sensors need only one PCB layer, enabling ultra
thin applications.
The AD7147 is an integrated CDC with on-chip environmental
calibration. The CDC has 13 inputs channeled through a switch
matrix to a 16-bit, 250 kHz sigma-delta (∑-Δ) converter. The CDC
is capable of sensing changes in the capacitance of the external
sensors and uses this information to register a sensor activation.
By programming the registers, the user has full control over the
CDC setup.
High resolution sensors require minor software to run on the
host processor.
FUNCTIONAL BLOCK DIAGRAM
CALIBRATION
ENGINE
SERIAL INTERFACE
AND CONTROL LOGIC
CALIBRATION
RAM
POWER-ON
RESET LOGIC
INTERRUPT
AND GPIO
LOGIC
EXCITATION
SOURCE
ACSHIELD VCC
GND
BIAS
CONTROL
AND DATA
REGISTERS
16-BIT
Σ-Δ
CDC
19
CIN0
20
CIN1
21
CIN2
22
CIN3
23
CIN4
24
CIN5
1
CIN6
2
CIN7
3
CIN8
4
CIN9
5
CIN10
6
CIN11
7
CIN12
VDRIVE
GPIO
8
11
10
9
18
12
13
14
15
16
17
SDO/
SDA
SDI/
ADD0
SCLK CS/
ADD1
INT
AD7147
Figure 1. AD7147 Block Diagram
The AD7147 is designed for single-electrode capacitance
sensors (grounded sensors). There is an active shield output to
minimize noise pickup in the sensor.
The AD7147 has on-chip calibration logic to compensate for
changes in the ambient environment. The calibration sequence
is performed automatically and at continuous intervals as long
as the sensors are not touched. This ensures that there are no
false or nonregistering touches on the external sensors due to
a changing environment.
The AD7147 has an SPI-compatible serial interface, and the
AD7147-1 has an I2C®-compatible serial interface. Both parts have
an interrupt output, as well as a GPIO. There is a VDRIVE pin to set
the voltage level for the serial interface independent of VCC.
The AD7147 is available in a 24-lead, 4 mm × 4 mm LFCSP and
operates from a 2.6 V to 3.6 V supply. The operating current con-
sumption in low power mode is typically 26 μA for 13 sensors.


Similar Part No. - AD7147

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7147 AD-AD7147 Datasheet
1Mb / 71P
CapTouch Programmable Controller
Rev. E
AD7147 AD-AD7147 Datasheet
889Kb / 73P
CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147A AD-AD7147A Datasheet
699Kb / 69P
CapTouch Programmable Controller
Rev. B
AD7147A-1ACBZ-RL AD-AD7147A-1ACBZ-RL Datasheet
699Kb / 69P
CapTouch Programmable Controller
Rev. B
AD7147A-1ACBZ500RL7 AD-AD7147A-1ACBZ500RL7 Datasheet
699Kb / 69P
CapTouch Programmable Controller
Rev. B
More results

Similar Description - AD7147

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7148 AD-AD7148 Datasheet
1Mb / 56P
Programmable Touch Controller for Single Electrode Capacitance Sensors
12/07-Revision 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
Programmable Controller for Capacitance Touch Sensors
REV. A
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
Programmable Controller for Capacitance Touch Sensors
Rev. B
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
Programmable Controller for Capacitance Touch Sensors
Rev. 0
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
CapTouch Programmable Controller
Rev. E
AD7147A AD-AD7147A Datasheet
699Kb / 69P
CapTouch Programmable Controller
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com