Electronic Components Datasheet Search
  English  ▼

X  

AD7147 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7147
Description  CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7147 Datasheet HTML 14Page - Analog Devices AD7147 Datasheet HTML 15Page - Analog Devices AD7147 Datasheet HTML 16Page - Analog Devices AD7147 Datasheet HTML 17Page - Analog Devices AD7147 Datasheet HTML 18Page - Analog Devices AD7147 Datasheet HTML 19Page - Analog Devices AD7147 Datasheet HTML 20Page - Analog Devices AD7147 Datasheet HTML 21Page - Analog Devices AD7147 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
AD7147
Rev. 0 | Page 18 of 68
NONCONTACT PROXIMITY DETECTION
The AD7147 internal signal processing continuously monitors
all capacitance sensors for noncontact proximity detection. This
feature provides the ability to detect when a user is approaching
a sensor, at which time all internal calibration is immediately
disabled while the AD7147 is automatically configured to detect
a valid contact.
The proximity control register bits are described in Table 12. The
FP_PROXIMITY_CNT and LP_PROXIMITY_CNT register bits
control the length of the calibration disable period after the user
stops touching the sensor and is not in close proximity to the
sensor during full or low power mode. The calibration is disabled
during this period and then enabled again. Figure 29 and Figure
30 show examples of how these registers are used to set the
calibration disable periods for the full and low power modes.
The calibration disable period in full power mode is the value
of the FP_PROXIMITY_CNT multiplied by 16 multiplied by
the time for one conversion sequence in full power mode. The
calibration disable period in low power mode is the value of the
LP_PROXIMITY_CNT multiplied by 4 multiplied by the time
for one conversion sequence in low power mode.
RECALIBRATION
In certain situations, for example, when a user hovers over a
sensor for a long time, the proximity flag can be set for a long
period. The environmental calibration on the AD7147 is
suspended while proximity is detected, but changes may occur
to the ambient capacitance level during the proximity event.
This means that the ambient value stored on the AD7147 no
longer represents the actual ambient value. In this case, even
when the user is not in close proximity to the sensor, the
proximity flag may still be set. This situation can occur if the
user interaction creates some moisture on the sensor, causing
the new sensor ambient value to be different from the expected
value. In this situation, the AD7147 automatically forces a
recalibration internally. This ensures that the ambient values are
recalibrated, regardless of how long the user hovers over the
sensor. A recalibration ensures maximum AD7147 sensor
performance.
The AD7147 recalibrates automatically when the measured CDC
value exceeds the stored ambient value by an amount determined
by the PROXIMITY_RECAL_LVL bits for a set period of time
known as the recalibration timeout. In full power mode, the
recalibration timeout is controlled by FP_PROXIMITY_RECAL;
in low power mode, by LP_PROXMTY_RECAL.
The recalibration timeout in full power mode is the value of the
FP_PROXIMITY_RECAL multiplied by the time for one con-
version sequence in full power mode. The recalibration timeout in
low power mode is the value of the LP_PROXIMITY_RECAL
multiplied by the time for one conversion sequence in low
power mode.
Figure 31 and Figure 32 show examples of how the
FP_PROXIMITY_RECAL and LP_PROXIMITY_RECAL
register bits control the timeout period before a recalibration
while operating in the full and low power modes. In these
examples, a user approaches a sensor and then leaves, but the
proximity detection remains active. The measured CDC value
exceeds the stored ambient value by the amount set in the
PROXIMITY_RECAL_LVL bits for the entire timeout period.
The sensor is automatically recalibrated at the end of the
timeout period.
PROXIMITY SENSITIVITY
The fast filter in Figure 33 is used to detect when someone is
close to the sensor (proximity). Two conditions, detected by
Comparator 1 and Comparator 2, set the internal proximity
detection signal: Comparator 1 detects when a user is
approaching or leaving a sensor, and Comparator 2 detects
when a user hovers over a sensor or approaches a sensor very
slowly.
The sensitivity of Comparator 1 is controlled by the
PROXIMITY_DETECTION_RATE bits. For example, if
PROXIMITY_DETECTION_RATE is set to 4, the Proximity 1
signal is set when the absolute difference between WORD1 and
WORD3 exceeds (4 × 16) LSB codes.
The sensitivity of Comparator 2 is controlled by the
PROXIMITY_RECAL_LVL bits (Address 0x003). For example,
if PROXIMITY_RECAL_LVL is set to 75, the Proximity 2 signal is
set when the absolute difference between the fast filter average
value and the ambient value exceeds (75 × 16) LSB codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com