Electronic Components Datasheet Search
  English  ▼

X  

SC2542 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2542
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2542 Datasheet(HTML) 4 Page - Semtech Corporation

  SC2542 Datasheet HTML 1Page - Semtech Corporation SC2542 Datasheet HTML 2Page - Semtech Corporation SC2542 Datasheet HTML 3Page - Semtech Corporation SC2542 Datasheet HTML 4Page - Semtech Corporation SC2542 Datasheet HTML 5Page - Semtech Corporation SC2542 Datasheet HTML 6Page - Semtech Corporation SC2542 Datasheet HTML 7Page - Semtech Corporation SC2542 Datasheet HTML 8Page - Semtech Corporation SC2542 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
 2005 Semtech Corp.
www.semtech.com
SC2542
POWER MANAGEMENT
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
r
o
t
a
ll
i
c
s
O
e
s
a
h
P
r
e
p
e
g
n
a
R
y
c
n
e
u
q
e
r
F
0
0
10
0
3z
H
K
e
s
a
h
P
r
e
p
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
OR
C
S
O
K
3
7
=
Ω
5
7
10
1
25
4
2z
H
K
e
m
i
T
F
F
O
m
u
m
i
n
i
M
0
0
30
0
4S
n
e
g
a
tl
o
V
k
a
e
P
p
m
a
R
r
o
t
a
ll
i
c
s
O
0
.
3V
e
g
a
tl
o
V
y
e
ll
a
V
p
m
a
R
r
o
t
a
ll
i
c
s
O
1V
t
i
m
i
L
t
n
e
r
r
u
C
t
n
e
r
r
u
C
e
c
r
u
o
S
M
I
L
I
90
11
1A
µ
e
g
a
tl
o
V
t
e
s
ff
O
M
I
L
I
2V
m
T
E
S
N
I
M
t
e
S
h
t
d
i
W
e
s
l
u
P
m
u
m
i
n
i
MV
N
I
K
7
0
1
=
R
,
V
6
1
=
Ω
1S
µ
t
e
S
h
t
d
i
W
e
s
l
u
P
m
u
m
i
n
i
MV
N
I
K
7
0
1
=
R
,
V
8
=
Ω
2S
µ
t
e
S
h
t
d
i
W
e
s
l
u
P
m
u
m
i
n
i
MV
N
I
K
3
5
=
R
,
V
6
1
=
Ω
0
0
5S
n
e
l
c
y
C
y
t
u
D
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M
2
&
1
M
W
PR
C
S
O
k
3
7
=
Ω
0
9%
e
l
c
y
C
y
t
u
D
m
u
m
i
n
i
M
2
&
1
M
W
PR
C
S
O
k
3
7
=
Ω
0%
r
e
v
i
r
D
)
e
c
r
u
o
S
(
e
v
ir
D
e
t
a
G
e
d
i
S
h
g
i
Hk
n
i
S
/
e
c
r
u
o
S5
.
0A
)
e
c
r
u
o
S
(
e
v
ir
D
e
t
a
G
e
d
i
S
w
o
Lk
n
i
S
/
e
c
r
u
o
S5
.
0A
e
m
i
T
e
s
i
R
e
v
ir
D
e
t
a
GC
T
U
O
F
p
0
0
0
1
=0
3S
n
e
m
i
T
ll
a
F
e
v
ir
D
e
t
a
GC
T
U
O
F
p
0
0
0
1
=0
3S
n
e
m
i
T
d
a
e
D
0
8S
n
P
V
O
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
P
V
Oe
g
a
tl
o
v
k
c
a
b
d
e
e
F9
8
.
0V
d
o
o
G
r
e
w
o
P
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
Tg
n
i
s
ir
2
B
F
&
1
B
F5
7
6
.
0V
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
Tg
n
il
l
a
f
2
B
F
&
1
B
F7
5
.
0V
y
ti
li
b
a
p
a
C
k
n
i
S
d
o
o
G
r
e
w
o
PA
m
1
k
n
i
S4
.
0V
Unless specified: TA = 25°C, VIN = 16V, FS = 200KHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com