Electronic Components Datasheet Search
  English  ▼

X  

SC2542 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC2542
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2542 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC2542 Datasheet HTML 2Page - Semtech Corporation SC2542 Datasheet HTML 3Page - Semtech Corporation SC2542 Datasheet HTML 4Page - Semtech Corporation SC2542 Datasheet HTML 5Page - Semtech Corporation SC2542 Datasheet HTML 6Page - Semtech Corporation SC2542 Datasheet HTML 7Page - Semtech Corporation SC2542 Datasheet HTML 8Page - Semtech Corporation SC2542 Datasheet HTML 9Page - Semtech Corporation SC2542 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
 2005 Semtech Corp.
www.semtech.com
SC2542
POWER MANAGEMENT
Pin Descriptions
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1N
I
V.
V
8
2
o
t
V
5
.
6
m
o
r
f
s
i
e
g
n
a
r
e
h
T
.
e
g
a
tl
o
v
y
l
p
p
u
s
t
u
p
n
I
2C
C
V
.
s
r
e
v
ir
d
e
t
a
g
d
n
a
s
a
i
b
p
i
h
c
r
o
f
e
g
a
tl
o
v
y
l
p
p
u
S
.t
u
p
t
u
o
r
o
t
a
l
u
g
e
r
V
0
1
3E
L
B
A
N
E
t
n
e
r
r
u
c
n
w
o
d
ti
h
s
l
a
c
i
p
y
T
.
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
ll
a
,
w
o
l
s
i
E
L
B
A
N
E
n
e
h
T
.l
e
v
e
l
e
l
b
it
a
p
m
o
c
L
T
T
.
A
n
0
0
1
s
i
4Y
B
T
S
s
i
Y
B
S
V
5
y
l
n
O
.
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
r
e
h
c
ti
w
s
h
t
o
b
d
n
a
r
o
t
a
l
u
g
e
r
V
0
1
e
h
t
w
o
l
d
e
ll
u
p
n
e
h
W
.
A
µ
0
0
2
y
ll
a
c
i
p
y
t
s
i
t
n
e
r
r
u
c
t
n
e
c
s
e
i
u
Q
.
e
l
b
a
li
a
v
a
51
B
F.
1
t
u
p
t
u
o
r
o
f
r
e
if
il
p
m
a
r
o
r
r
e
e
h
t
f
o
t
u
p
n
i
e
v
it
a
g
e
N
61
T
U
O
R
R
E.
1
r
e
t
r
e
v
n
o
c
k
c
u
b
r
o
f
t
u
p
t
u
o
r
e
if
il
p
m
a
r
o
r
r
E
71
T
E
S
N
I
M
n
i
h
t
d
i
w
e
s
l
u
p
m
u
m
i
n
i
m
e
h
t
t
e
s
o
t
D
N
G
A
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
t
c
e
n
n
o
C
.
d
a
o
l
n
e
v
i
g
a
r
o
f
e
d
o
m
p
i
k
s
n
i
y
c
n
e
u
q
e
r
f
g
n
it
a
r
e
p
o
e
h
t
s
t
e
s
o
s
l
a
s
i
h
T
.
e
d
o
m
s
u
o
u
n
it
n
o
c
s
i
d
81
S
S
e
l
b
a
s
i
D
.
e
m
it
t
r
a
t
s
-
tf
o
s
e
h
t
s
t
e
s
D
N
G
A
o
t
n
i
p
s
i
h
t
m
o
r
f
d
e
t
c
e
n
n
o
c
r
o
ti
c
a
p
a
c
l
a
n
r
e
t
x
e
n
A
.
V
5
6
.
0
w
o
l
e
b
n
i
p
s
i
h
t
g
n
il
l
u
p
y
b
1
t
u
p
t
u
o
91
M
I
L
I
p
ir
t
n
w
o
d
t
u
h
s
t
n
e
r
r
u
c
r
e
v
o
e
h
t
s
t
e
s
1
E
S
A
H
P
o
t
n
i
p
s
i
h
t
m
o
r
f
d
e
t
c
e
n
n
o
c
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
n
A
.t
n
i
o
p
0
11
T
S
B
r
o
ti
c
a
p
a
c
l
a
n
r
e
t
x
e
n
a
t
c
e
n
n
o
C
.
e
v
ir
d
e
t
a
g
e
d
i
s
h
g
i
h
1
T
U
P
T
U
O
r
o
f
n
o
it
c
e
n
n
o
c
r
o
ti
c
a
p
a
c
t
s
o
o
B
.t
i
u
c
r
i
C
n
o
it
a
c
il
p
p
A
l
a
c
i
p
y
T
e
h
t
n
i
n
w
o
h
s
s
a
1
11
H
V
R
D
.
2
H
V
R
D
h
ti
w
e
s
a
h
p
f
o
t
u
o
e
e
r
g
e
d
0
8
1
.
1
T
U
P
T
U
O
f
o
T
E
F
S
O
M
e
d
i
s
h
g
i
h
e
h
t
r
o
f
e
v
ir
d
e
t
a
G
2
11
E
S
A
H
P.
1
t
u
p
t
u
o
r
o
f
e
d
o
n
e
s
a
h
P
3
11
L
V
R
D.
1
t
u
p
t
u
o
r
o
f
e
v
ir
d
e
t
a
g
e
d
i
s
w
o
L
4
1D
N
G
P.
s
r
e
v
ir
d
e
d
i
s
-
w
o
l
f
o
d
n
u
o
r
g
r
e
w
o
P
5
1C
C
V
P.
s
r
e
v
ir
d
e
t
a
g
e
d
i
s
-
w
o
l
r
o
f
e
g
a
tl
o
v
y
l
p
p
u
S
6
12
L
V
R
D.
2
t
u
p
t
u
o
r
o
f
e
v
ir
d
e
t
a
g
e
d
i
s
-
w
o
L
7
12
E
S
A
H
P.
2
t
u
p
t
u
o
r
o
f
e
d
o
n
e
s
a
h
P
8
12
H
V
R
D
.
1
H
V
R
D
G
h
ti
w
e
s
a
h
p
f
p
t
u
o
e
e
r
g
e
d
0
8
1
.
2
T
U
P
T
U
O
f
o
T
E
F
S
O
M
e
d
i
s
h
g
i
h
e
h
t
r
o
f
e
v
ir
d
e
t
a
G
9
12
T
S
B
l
a
n
r
e
t
x
e
n
a
t
c
e
n
n
o
C
.
e
v
ir
d
e
t
a
g
e
d
i
s
h
g
i
h
2
T
U
P
T
U
O
e
h
t
r
o
f
n
o
it
c
e
n
n
o
c
r
o
ti
c
a
p
a
c
t
s
o
o
B
.t
i
u
c
r
i
C
n
o
it
a
c
il
p
p
A
l
a
c
i
p
y
T
e
h
t
n
i
n
w
o
h
s
s
a
s
r
o
ti
c
a
p
a
c
0
22
M
I
L
I
p
ir
t
n
w
o
d
t
u
h
s
t
n
e
r
r
u
c
r
e
v
o
e
h
t
s
t
e
s
2
E
S
A
H
P
o
t
n
i
p
s
i
h
t
m
o
r
f
d
e
t
c
e
n
n
o
c
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
n
A
.t
n
i
o
p
1
22
S
S
t
u
p
t
u
o
e
l
b
a
s
i
D
.
e
m
it
t
r
a
t
s
-
tf
o
s
e
h
t
s
t
e
s
D
N
G
A
o
t
n
i
p
s
i
h
t
m
o
r
f
d
e
t
c
e
n
n
o
c
r
o
ti
c
a
p
a
c
l
a
n
r
e
t
x
e
n
A
.
V
5
6
.
0
w
o
l
e
b
n
i
p
s
i
h
t
g
n
il
l
u
p
y
b
2
2
22
T
E
S
N
I
M
n
i
h
t
d
i
w
e
s
l
u
p
m
u
m
i
n
i
m
e
h
t
t
e
s
o
t
D
N
G
A
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
e
n
o
t
c
e
n
n
o
C
.
d
a
o
l
n
e
v
i
g
a
r
o
f
e
d
o
m
p
i
k
s
n
i
y
c
n
e
u
q
e
r
f
g
n
it
a
r
e
p
o
e
h
t
s
t
e
s
o
s
l
a
s
i
h
T
.
e
d
o
m
s
u
o
u
n
it
n
o
c
s
i
d
3
22
T
U
O
R
R
E.
2
r
e
t
r
e
v
n
o
c
k
c
u
b
r
o
f
t
u
p
t
u
o
r
e
if
il
p
m
a
r
o
r
r
E
4
22
B
F.
2
t
u
p
t
u
o
r
o
f
r
e
if
il
p
m
a
r
o
r
r
e
e
h
t
f
o
t
u
p
n
i
e
v
it
a
g
e
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com