Electronic Components Datasheet Search
  English  ▼

X  

SC2542 Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC2542
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2542 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC2542 Datasheet HTML 19Page - Semtech Corporation SC2542 Datasheet HTML 20Page - Semtech Corporation SC2542 Datasheet HTML 21Page - Semtech Corporation SC2542 Datasheet HTML 22Page - Semtech Corporation SC2542 Datasheet HTML 23Page - Semtech Corporation SC2542 Datasheet HTML 24Page - Semtech Corporation SC2542 Datasheet HTML 25Page - Semtech Corporation SC2542 Datasheet HTML 26Page - Semtech Corporation SC2542 Datasheet HTML 27Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
24
© 2005 Semtech Corp.
www.semtech.com
SC2542
POWER MANAGEMENT
Typical Characteristics (Cont.)
0%
20%
40%
60%
80%
100%
01
2
3
4
5
6
7
8
9
10
Io( A )
V in= 8V
V in= 16V
0.00%
20.00%
40.00%
60.00%
80.00%
100.00%
10
100
1000
10000
Io(mA)
skip mode
Synchronize
Over current protection (5A/10mV)
CH1: TG
CH2: BG
CH3: IL
CH4: Vo
Efficiency curve for Vout = 3.3V
Efficiency curve for SPWM Mode vs. SKIP Mode
50
100
150
200
250
300
350
Ro s c( K OHM)
4
5
6
7
8
9
4.5
5 .0
5.5
6 .0
6 .5
7 .0
7.5
8 .0
8 .5
9.0
9.5
RIL IM (K O H M)
Operating frequency vs. Rosc
RILIM vs. OCP (Vin = 12V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com