Electronic Components Datasheet Search
  English  ▼

X  

SC2542 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2542
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2542 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2542 Datasheet HTML 4Page - Semtech Corporation SC2542 Datasheet HTML 5Page - Semtech Corporation SC2542 Datasheet HTML 6Page - Semtech Corporation SC2542 Datasheet HTML 7Page - Semtech Corporation SC2542 Datasheet HTML 8Page - Semtech Corporation SC2542 Datasheet HTML 9Page - Semtech Corporation SC2542 Datasheet HTML 10Page - Semtech Corporation SC2542 Datasheet HTML 11Page - Semtech Corporation SC2542 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
© 2005 Semtech Corp.
www.semtech.com
SC2542
POWER MANAGEMENT
Block Diagram (Only Channel-1 shown)
5VSBY
Oscillator
Ramp
generator
SS1
FB1
BST1
DRVH1
10V
FB2
LDO
FB1
PVCC
Minumin
DRVL1
VIN
FB1
OVP
0.75V
+
-
OUT
PHASE1
Pulse
VCC
+
-
OUT
-
0.75V
PVCC
Ramp1
OVP
Generator
EN
0.89V
VCC
VCC
+
-
OUT
ERROUT1
R
S/Q
+
-
OUT
PVCC
CLK1
STBY
Skip
VCC
FB1
ON/OFF
PWRGD
0.65V
Mode
Protect 1
UVLO
ROSC
STBY
dector
UVLO
10u A
E/A
+
-
OUT
Protect 1
Protect 1
PHASE1
AGND
Band
VCC
Band
ENABLE
ILIM1
Gap 2
+
-
PWM
+
-
OUT
S
R
Q
Gap 1
MINSET1
3R
R
5V
OCP
85uA
0.675V
15uA
OCP
LDO
0.75V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com