Electronic Components Datasheet Search
  English  ▼

X  

SC2542 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC2542
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2542 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC2542 Datasheet HTML 18Page - Semtech Corporation SC2542 Datasheet HTML 19Page - Semtech Corporation SC2542 Datasheet HTML 20Page - Semtech Corporation SC2542 Datasheet HTML 21Page - Semtech Corporation SC2542 Datasheet HTML 22Page - Semtech Corporation SC2542 Datasheet HTML 23Page - Semtech Corporation SC2542 Datasheet HTML 24Page - Semtech Corporation SC2542 Datasheet HTML 25Page - Semtech Corporation SC2542 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
22
 2005 Semtech Corp.
www.semtech.com
SC2542
POWER MANAGEMENT
Typical Applications Schematic - BOM
f
e
Ry
t
Qe
c
n
e
r
e
f
e
Re
u
l
a
V
/
r
e
b
m
u
N
t
r
a
Pr
e
r
u
t
c
a
f
u
n
a
M
11
1
C5
0
8
0
,
c
i
m
a
r
e
C
,
R
5
X
,
V
5
2
,
F
u
1y
n
A
26
2
2
C
,
6
1
C
,
5
1
C
,
9
C
,
8
C
,
2
C5
0
8
0
,
c
i
m
a
r
e
C
,
R
5
X
,
V
6
1
,
F
u
1y
n
A
31
3
C6
0
2
1
c
i
m
a
r
e
C
,
R
5
X
,
V
6
1
,
F
u
7
.
4y
n
A
42
5
C
,
4
C3
0
6
0
,
c
i
m
a
r
e
C
,
F
n
2
1y
n
A
52
7
C
,
6
C3
0
6
0
c
i
m
a
r
e
C
,
F
n
1y
n
A
62
7
1
C
,
0
1
C3
0
6
0
c
i
m
a
r
e
C
,
F
n
1
.
0y
n
A
74
4
1
C
,
3
1
C
,
2
1
C
,
1
1
C0
1
2
1
,
c
i
m
a
r
e
C
,
R
5
X
,
V
5
2
,
F
u
0
1M
6
0
1
E
1
B
Y
4
J
C
E
,
c
i
n
o
s
a
n
a
P
82
9
1
C
,
8
1
Cp
a
C
s
o
P
,
m
h
o
m
8
1
,
V
3
.
6
,
F
u
0
3
3L
I
M
0
3
3
E
P
T
6
,
o
y
n
a
S
92
1
2
C
,
0
2
Cp
a
C
s
o
P
,
m
h
o
m
5
1
,
V
4
,
F
u
0
7
4L
F
M
0
7
4
E
P
T
4
,
o
y
n
a
S
0
14
8
2
C
,
7
2
C
,
4
2
C
,
3
2
C.
P
.
N
1
12
6
2
C
,
5
2
C3
0
6
0
,
c
i
m
a
r
e
C
,
F
n
7
.
4y
n
A
2
12
2
L
,
1
Lm
h
o
m
5
1
,
A
8
.
6
,
H
u
7
.
47
2
1
H
R
D
C
,
a
d
i
m
u
S
3
14
4
Q
,
3
A
,
2
Q
,
1
Q0
0
8
4
i
Sy
a
h
s
i
V
4
11
4
R3
0
6
0
,
K
2
.
3
7y
n
A
5
11
5
R3
0
6
0
,
K
0
1y
n
A
6
12
7
R
,
6
R3
0
6
0
,
K
2
.
1
4y
n
A
7
11
8
R3
0
6
0
,
K
7
.
8
8y
n
A
8
11
9
R3
0
6
0
,
K
3
3
1y
n
A
9
12
1
1
R
,
0
1
R3
0
6
0
,
K
5
1y
n
A
0
23
2
2
R
,
3
1
R
,
2
1
R0
y
n
A
1
22
5
1
R
,
4
1
R3
0
6
0
,
2
.
2y
n
A
2
22
9
1
R
,
6
1
R3
0
6
0
,
K
8
2y
n
A
3
22
8
1
R
,
7
1
R.
P
.
N
4
21
0
2
R3
0
6
0
,
K
5
2
.
8y
n
A
5
21
1
2
R3
0
6
0
,
K
7
8
.
4y
n
A
6
22
6
2
R
,
5
2
R3
0
6
0
,
0
3
3y
n
A
7
21
1
U2
4
5
2
C
Sh
c
e
t
m
e
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com