Electronic Components Datasheet Search
  English  ▼

X  

SC2542 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2542
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2542 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2542 Datasheet HTML 6Page - Semtech Corporation SC2542 Datasheet HTML 7Page - Semtech Corporation SC2542 Datasheet HTML 8Page - Semtech Corporation SC2542 Datasheet HTML 9Page - Semtech Corporation SC2542 Datasheet HTML 10Page - Semtech Corporation SC2542 Datasheet HTML 11Page - Semtech Corporation SC2542 Datasheet HTML 12Page - Semtech Corporation SC2542 Datasheet HTML 13Page - Semtech Corporation SC2542 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
© 2005 Semtech Corp.
www.semtech.com
SC2542
POWER MANAGEMENT
Applications Information (Cont.)
Figure 4 further explains the basic theory of SKIP mode
operation. When the load current falls from CCM to DCM,
the duty cycle of DRVH (output of PWM comparator) will
shrink. The programmed minimum pulse width of
SC2542 with the DRVH signal to get the TG (top side
MOSFET gate driver) pulse output. The TG output will
maintain at least the programmed minimum pulse width.
This TG pulse pumps up the output voltage causing the
Error Amplifier output to decrease as the output voltage
moves up. The PWM comparator may skip several cycles
before sending another pulse when the output voltage
drops down. The BG (bottom side MOSFET gate driver)
output will terminate whenever the inductor current
crosses zero.
0.00 %
20 .00 %
40 .00 %
60 .00 %
80 .00 %
100.00 %
10
1 00
10 00
1 00 00
Io (m A)
Skip Mod e
S y nc hr onous CCM
Figure 5. Skip mode improves light load efficiency.
Figure 6 (a) and (b) show typical waveforms of SKIP mode
at different light load conditions. The frequency can ac-
tually fall very low at very light loads. When the switching
frequency drops to the acoustic frequency range, very
minor acoustic frequency noise might be generated, but
the level of the noise is usually very low due to very small
flux excursion in the magnetics. The acoustic noise can
be totally avoided by using well constructed magnetics
or by knowing the minimum system loads to program the
SKIP mode operation accordingly.
Figure 3. Conventional Buck converter duty cycle vs.
load current.
Figure 4. The waveforms of SKIP mode operation.
SKIP mode therefore leads to a reduction in the average
switching frequency. MOSFET switching losses and driver
losses, both of which are proportional to frequency, are
significantly reduced at these light loads resulting in in-
creased efficiency. SKIP mode also reduces the circulat-
ing currents associated with SPWM mode. The test re-
sult (Figure 5) shows the efficiency improvement in SKIP
mode.
(a)
Duty
Iout
Min. duty
clamp
D
Vo
Vi
<
D
Vo
Vi
DCM
CCM
Nominal
duty
Duty
Iout
Min. duty
clamp
D
Vo
Vi
<
D
Vo
Vi
DCM
CCM
Nominal
duty
Ramp
Veo
IL
Vo
TG
DRVH
Min pulse
DRVL
Ramp
Veo
IL
Vo
TG
DRVH
Min pulse
DRVL
TG
BG
Vo
Inductor
Current
TG
BG
Vo
Inductor
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com