Electronic Components Datasheet Search
  English  ▼

X  

SC2542 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC2542
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2542 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC2542 Datasheet HTML 16Page - Semtech Corporation SC2542 Datasheet HTML 17Page - Semtech Corporation SC2542 Datasheet HTML 18Page - Semtech Corporation SC2542 Datasheet HTML 19Page - Semtech Corporation SC2542 Datasheet HTML 20Page - Semtech Corporation SC2542 Datasheet HTML 21Page - Semtech Corporation SC2542 Datasheet HTML 22Page - Semtech Corporation SC2542 Datasheet HTML 23Page - Semtech Corporation SC2542 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
20
© 2005 Semtech Corp.
www.semtech.com
SC2542
POWER MANAGEMENT
2
2,
(
)
bc
Q
RMS
DS ON
PI
R
=
where Rds(on) is the channel resistance of bottom MOS-
FET. If the input voltage to output voltage ratio is high
(e.g. Vin = 12V, Vo = 1.5V), the duty ratio D will be small.
Since the bottom switch conducts with duty ratio (1-D),
the corresponding conduction losses can be quite high.
Due to non-overlapping conduction between the top and
the bottom MOSFET, the internal body diode or the ex-
ternal Schottky diode across the drain and source termi-
nals always conducts prior to the turn on of the bottom
MOSFET. The bottom MOSFET switches on with only a
diode voltage between its drain and source terminals.
The switching loss is negligible due to near zero-voltage
switching.
The gate losses are estimated as:
S
CC
G
GT
G
BG
f
V
Q
R
R
P
=
The total bottom switch losses are then:
BG
BC
B
P
P
P
+
=
Once the power losses for the top and bottom MOSFET
are known, thermal and package design at component
and system level should be done to verify that the maxi-
mum die junction temperature (Tj,max, usually 125°C) is
not exceeded under the worst-case condition. The equiva-
lent thermal impedance from junction to ambient (
θ
JA)
should satisfy:
,,
JMAX
A MAX
JA
LOSS
TT
P
θ
−
≤
θ
JA depends on the die to substrate bonding, packaging
material, the thermal contact surface, thermal compound
property, the available effective heat sink area, and the
air flow condition (natural or forced convection). Actual
temperature measurement of the prototype should be
carried out to verify the thermal design.
PC Board Layout Issues
Circuit board layout is very important for the proper op-
eration of high frequency switching power converters. A
power ground plane is required to reduce ground bounces.
The followings are suggested for proper layout.
Power Stage
1) Separate the power ground from the signal ground. In
SC2542 design, use an isolated local ground plane for
the controller and tie it to power grand.
2) Minimize the size of the high pulse current loop. Keep
the top MOSFET, the bottom MOSFET and the input ca-
pacitors within a small area with short and wide traces.
In addition to the aluminum energy storage capacitors,
add multi-layer ceramic (MLC) capacitors from the input
to the power ground to improve high frequency bypass.
3) Reduce high frequency voltage ringing. Widen and
shorten the drain and source traces of the MOSFETs to
reduce stray inductances. Add a small RC snubber if nec-
essary to reduce the high frequency ringing at the phase
node. Sometimes slowing down the gate drive signal also
helps in reducing the high frequency ringing at the phase
node if the EMI is a concern for the system.
4) Shorten the gate drive trace. Integrity of the gate
drive (voltage level, leading and falling edges) is impor-
tant for circuit operation and efficiency. Short and wide
gate drive traces reduce trace inductances. Bond wire
inductance is about 2~3nH. If the length of the PCB
trace from the gate driver to the MOSFET gate is 1 inch,
the trace inductance will be about 25nH. If the gate drive
current is 2A with 10ns rise and falling times, the voltage
drops across the bond wire and the PCB trace will be
0.6V and 5V respectively. This may slow down the switch-
ing transient of the MOSFET. These inductances may also
ring with the gate capacitance.
5) Put the decoupling capacitor for the gate drive power
supplies (BST and PVCC) close to the IC and power ground.
Control Section
6) The frequency-setting resistor Rosc should be placed
close to Pin 23. Trace length from this resistor to the
analog ground should be minimized.
7) Place the bias decoupling capacitor right across the
VCC and analog ground AGND.
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com