Electronic Components Datasheet Search
  English  ▼

X  

SC2542 Datasheet(PDF) 25 Page - Semtech Corporation

Part # SC2542
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2542 Datasheet(HTML) 25 Page - Semtech Corporation

Back Button SC2542 Datasheet HTML 19Page - Semtech Corporation SC2542 Datasheet HTML 20Page - Semtech Corporation SC2542 Datasheet HTML 21Page - Semtech Corporation SC2542 Datasheet HTML 22Page - Semtech Corporation SC2542 Datasheet HTML 23Page - Semtech Corporation SC2542 Datasheet HTML 24Page - Semtech Corporation SC2542 Datasheet HTML 25Page - Semtech Corporation SC2542 Datasheet HTML 26Page - Semtech Corporation SC2542 Datasheet HTML 27Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
25
 2005 Semtech Corp.
www.semtech.com
SC2542
POWER MANAGEMENT
Typical Characteristics (Cont.)
Frequency vs. Temp. (Rosc = 75kohm, Vin = 16V)
176
178
180
182
184
186
188
190
192
-40
-15
10
35
60
85
110
135
Temp. (Degree C)
9.5
9.7
9.9
10.1
10.3
12
14
16
18
20
22
24
26
28
Vin (V)
Vcc vs. Vin (Ta = 25 Degree C)
9.8
9.85
9.9
9.95
10
-40
-20
0
20
40
60
80
100
120
Temp. (Ta Degree C)
5.0
5.5
6.0
6.5
7.0
8
1 01 2 1 416 1820 2224 26 28
Vin(V)
1040
1045
1050
1055
1060
-40
-20
0
20
406080
100
120
Temp. (Degree C)
50
60
70
80
90
100
-40
-20
0
204060
80
100
120
Ta (Degree C)
Vcc vs. Temp. (Ta = 25 Degree C)
Minimum pulse width vs. Temp (Ta)
Dead time vs. Ta (Vin = 16V, DH falling to DL rising)
Icc vs. Vin (Ta = 25 Degree C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com