Electronic Components Datasheet Search
  English  ▼

X  

SC2542 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC2542
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2542 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC2542 Datasheet HTML 10Page - Semtech Corporation SC2542 Datasheet HTML 11Page - Semtech Corporation SC2542 Datasheet HTML 12Page - Semtech Corporation SC2542 Datasheet HTML 13Page - Semtech Corporation SC2542 Datasheet HTML 14Page - Semtech Corporation SC2542 Datasheet HTML 15Page - Semtech Corporation SC2542 Datasheet HTML 16Page - Semtech Corporation SC2542 Datasheet HTML 17Page - Semtech Corporation SC2542 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
14
 2005 Semtech Corp.
www.semtech.com
SC2542
POWER MANAGEMENT
The compensator in Figure 10 includes an error ampli-
fier and compensation networks Zf and Zs. It is imple-
mented by the circuit in Figure 12. The compensator pro-
vides an integrator, double poles, and double zeros. As
shown in Figure 11, the integrator is used to boost the
gain at low frequency. Two zeros are introduced to com-
pensate excessive phase lag at the loop gain crossover
due to the integrator (-90deg) and the complex pole pair
(-180deg). Two high frequency poles are designed to com-
pensate the ESR zero and to attenuate high frequency
noise.
Figure 11. Bode plots for control loop design.
Rbot
Vc
R3
C1
E/A
R2
C2
Rtop
C3
0.75V
Vo
+
-
Out
Figure 12. Compensation network.
Applications Information (Cont.)
A resistive divider is used to program the output voltage.
The top resistor, Rtop, of the divider in Figure 12 can be
chosen from 20k
Ω to 30kΩ. Then the bottom resistor,
Rbot, is found from:
TOP
O
BOT
R
V
75
.
0
V
V
75
.
0
R
∗
−
=
where 0.75V is the internal reference voltage of the
SC2542.
The other components of the compensator can be cal-
culated using following design procedure:
(1). Plot the converter gain, including LC filter and PWM
modulator.
(2). Select the open loop crossover frequency Fc located
at 10% to 20% of the switching frequency.
(3). Use the first compensator pole Fp1 to cancel the
ESR zero.
(4). Have the second compensator pole Fp2 at half the
switching frequency to attenuate the switching ripple and
high frequency noise.
(5). Place the first compensator zero Fz1 at or below
50% of the power stage resonant frequency Fo.
(6). Place the second compensator zero Fz2 at or below
the power stage resonant frequency Fo.
A MathCAD program is available upon request for the
calculation of the compensation parameters.
Design Procedure for a Step-down Power Converter
Selection criteria and design procedures for the follow-
ing parameters are described:
1) Output inductor (L) type and value
2) Output capacitor (Co) type and value
3) Input capacitor (Cin) type and value
4) Power MOSFETs
5) Current sensing and limiting circuit
6) Voltage sensing circuit
7) Loop compensation network
The following step-down converter specifications are
needed:
1
2
O
O
F
LC
π
=
1
2R
Z
ESR
O
F
C
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com